Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2368651 Datasheet (PDF) - TE Connectivity Ltd

2368651 Datasheet PDF - TE Connectivity Ltd
Part # 2368651
Download  2368651 Download
File Size   273.46 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 200G QSFP56 Active Optical Cable

2368651 Datasheet (PDF)

Go To PDF Page Download Datasheet
2368651 Datasheet PDF - TE Connectivity Ltd

Part # 2368651
Download  2368651 Click to download

File Size   273.46 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 200G QSFP56 Active Optical Cable

2368651 Datasheet (HTML) - TE Connectivity Ltd


2368651 Product details

FEATURES
• Four-channel full duplex active optical cable
• Up to 53.125 Gbps data rate per channel by PAM 4 modulation
• Low power consumption: < 4 W per cable end
• Single 3.3 V power supply
• Maximum link length of 70m on OM3 or 100m on OM4
• Management interface compliant with CMIS 4.0
• Hot pluggable QSFP56 form factor
• Commercial operating case temperature range: 0 to 70°C
• RoHS compliant

APPLICATION
• 200G Ethernet




Similar Part No. - 2368651

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2368650 TEC-2368650 Datasheet
279Kb / 4P
100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
2368650-1 TEC-2368650-1 Datasheet
279Kb / 4P
100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
2368650-2 TEC-2368650-2 Datasheet
279Kb / 4P
100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
2368650-3 TEC-2368650-3 Datasheet
279Kb / 4P
100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
2368650-4 TEC-2368650-4 Datasheet
279Kb / 4P
100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
More results


Similar Description - 2368651

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2418081 TEC-2418081 Datasheet
290Kb / 4P
400G QSFP-DD to 2x200G QSFP56 Breakout Active Optical Cable
23 AUGUST 2022 Rev B
logo
Japan Aviation Electron...
RP04 JAE-RP04 Datasheet
526Kb / 5P
AOC (Active Optical Cable)
logo
TE Connectivity Ltd
2368650 TEC-2368650 Datasheet
279Kb / 4P
100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
2368652 TEC-2368652 Datasheet
290Kb / 4P
400G QSFP-DD Active Optical Cable
23 AUGUST 2022 Rev B
logo
Finisar Corporation.
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
100G Quadwire짰 QSFP28 Active Optical Cable
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
12 Channel Parallel Active Optical Cable
logo
Finisar Corporation.
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
100G Quadwire짰 QSFP28 Active Optical Cable
FCBX414QB1CXX FINISAR-FCBX414QB1CXX Datasheet
784Kb / 2P
56G FDR parallel active optical cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-7CERXXZ AVAGO-AFBR-7CERXXZ Datasheet
112Kb / 2P
10G Ethernet SFP Active Optical Cable (AOC)
logo
Finisar Corporation.
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
100G Quadwire짰 EDR QSFP28 Active Optical Cable
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com