Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPS-06-01-01-L-RA-LC Datasheet (PDF) - Samtec, Inc

UPS-06-01-01-L-RA-LC Datasheet PDF - Samtec, Inc
Part # UPS-06-01-01-L-RA-LC
Download  UPS-06-01-01-L-RA-LC Download

File Size   583.54 Kbytes
Page   2 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description HIGH-POWER SYSTEMS

UPS-06-01-01-L-RA-LC Datasheet (PDF)

Go To PDF Page Download Datasheet
UPS-06-01-01-L-RA-LC Datasheet PDF - Samtec, Inc

Part # UPS-06-01-01-L-RA-LC
Download  UPS-06-01-01-L-RA-LC Click to download

File Size   583.54 Kbytes
Page   2 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description HIGH-POWER SYSTEMS

UPS-06-01-01-L-RA-LC Datasheet (HTML) - Samtec, Inc

UPS-06-01-01-L-RA-LC Datasheet HTML 1Page - Samtec, Inc UPS-06-01-01-L-RA-LC Datasheet HTML 2Page - Samtec, Inc

UPS-06-01-01-L-RA-LC Product details

• Current Rating: 23 A - 58.7 A per power blade
• 3.81 mm, 5.00 mm and 6.35 mm pitch
• Dual blade contact system
• Power only or power/signal combinations available
• Right-angle and vertical orientations
• Rugged screw down and locking clip options
• Discrete wire cable assembly with 10-16 AWG wire
• “Hinged” for unique mating in any orientation
from 0° to 90° and space confined applications
FEATURES & BENEFITS




Similar Part No. - UPS-06-01-01-L-RA-LC

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
UPS-ADLPCR-A10-0800 AAEON-UPS-ADLPCR-A10-0800 Datasheet
755Kb / 2P
   UP Squared i12 Developer Board with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC (formerly Alder Lake-P)
2023/05/09
UPS-ADLPI3-A10-0800 AAEON-UPS-ADLPI3-A10-0800 Datasheet
755Kb / 2P
   UP Squared i12 Developer Board with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC (formerly Alder Lake-P)
2023/05/09
UPS-ADLPI5-A10-0800 AAEON-UPS-ADLPI5-A10-0800 Datasheet
755Kb / 2P
   UP Squared i12 Developer Board with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC (formerly Alder Lake-P)
2023/05/09
UPS-ADLPI5P-A10-0800 AAEON-UPS-ADLPI5P-A10-0800 Datasheet
755Kb / 2P
   UP Squared i12 Developer Board with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC (formerly Alder Lake-P)
2023/05/09
UPS-ADLPI7-A10-0800 AAEON-UPS-ADLPI7-A10-0800 Datasheet
755Kb / 2P
   UP Squared i12 Developer Board with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC (formerly Alder Lake-P)
2023/05/09
More results


Similar Description - UPS-06-01-01-L-RA-LC

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ET60S-D04-0-00-D04-S-V1-S SAMTEC-ET60S-D04-0-00-D04-S-V1-S Datasheet
539Kb / 2P
   EXTREME HIGH-POWER 60 A SYSTEMS
logo
Silicon Laboratories
TS1107 SILABS-TS1107 Datasheet
1Mb / 22P
   Power Management Systems
TS1103 SILABS-TS1103 Datasheet
1Mb / 12P
   Power Management Systems
logo
Samtec, Inc
IPBT SAMTEC-IPBT Datasheet
561Kb / 2P
   FLEXIBLE POWER SYSTEMS
logo
Silicon Laboratories
TS1105 SILABS-TS1105 Datasheet
1Mb / 19P
   Power Management Systems
logo
PREMO CORPORATION S.L
HPT-001 PREMO-HPT-001_14 Datasheet
121Kb / 1P
   High power planar transformers for HV systems
logo
Shenzhen Huazhimei Semi...
HM1593 HMSEMI-HM1593 Datasheet
984Kb / 7P
   Distributed Power Systems
logo
PREMO CORPORATION S.L
HPT-001 PREMO-HPT-001 Datasheet
122Kb / 1P
   High power planar transformers for HV systems
logo
MKS Instruments.
690A MKS-690A Datasheet
225Kb / 4P
   High Accuracy Systems
logo
Semtech Corporation
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com