Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDL00A5EFJ-CE2 Datasheet (PDF) - Rohm

BDL00A5EFJ-CE2 Datasheet PDF - Rohm
Part # BDL00A5EFJ-CE2
Download  BDL00A5EFJ-CE2 Download

File Size   2086.56 Kbytes
Page   36 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Automotive 20 V Input 500 mA Adjustable Output LDO Regulators

BDL00A5EFJ-CE2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BDL00A5EFJ-CE2 Datasheet PDF - Rohm

Part # BDL00A5EFJ-CE2
Download  BDL00A5EFJ-CE2 Click to download

File Size   2086.56 Kbytes
Page   36 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Automotive 20 V Input 500 mA Adjustable Output LDO Regulators

BDL00A5EFJ-CE2 Datasheet (HTML) - Rohm

Back Button BDL00A5EFJ-CE2 Datasheet HTML 1Page - Rohm BDL00A5EFJ-CE2 Datasheet HTML 2Page - Rohm BDL00A5EFJ-CE2 Datasheet HTML 3Page - Rohm BDL00A5EFJ-CE2 Datasheet HTML 4Page - Rohm BDL00A5EFJ-CE2 Datasheet HTML 5Page - Rohm BDL00A5EFJ-CE2 Datasheet HTML 6Page - Rohm BDL00A5EFJ-CE2 Datasheet HTML 7Page - Rohm BDL00A5EFJ-CE2 Datasheet HTML 8Page - Rohm BDL00A5EFJ-CE2 Datasheet HTML 9Page - Rohm BDL00A5EFJ-CE2 Datasheet HTML 10Page - Rohm Next Button 

BDL00A5EFJ-CE2 Product details

General Description
The BDL00A5NUF-C and BDL00A5EFJ-C is a linear
regulator designed as a low current consumption product
for power supplies in various automotive applications.
This product is designed for up to 20 V as an absolute
maximum voltage and to operate until 500 mA for the
output current with low current consumption 30 μA (Typ).
The reference voltage accuracy (ADJ pin voltage
accuracy) is a very high accuracy (Note 1), ±2 %. The output
voltage can be adjusted between 1 V and 17 V by an
external resistive divider connected to the ADJ pin.
The output shutdown function is integrated in the devices.
A logical “HIGH” at the EN Pin turns on the device, and in
the other side, the device is controlled to disable by a
logical “LOW” input to the EN Pin.
The device features the integrated Over Current Protection
to protect the device from a damage caused by a shortcircuiting
or an overload. This product also integrates
Thermal Shutdown Protection to avoid the damage by
overheating.
Furthermore, low ESR ceramic capacitors are sufficiently
applicable for the phase compensation.
(Note 1) The tolerance of feedback resistor is not included.

Features
◼ AEC-Q100 Qualified (Note 2)
◼ Functional Safety Supportive Automotive Products
◼ Output Shutdown Function (EN Function)
◼ Over Current Protection (OCP)
◼ Thermal Shutdown Protection (TSD)
(Note 2) Grade 1

Applications
◼ Automotive (Power Train, Body ECU)
◼ Car Infotainment System, etc.




Similar Part No. - BDL00A5EFJ-CE2

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
BDL-108-G-E SAMTEC-BDL-108-G-E Datasheet
417Kb / 1P
   MACHINED BOARD STACKING STRIPS
BDL-120-T-F SAMTEC-BDL-120-T-F Datasheet
417Kb / 1P
   MACHINED BOARD STACKING STRIPS
BDL-120-T-F SAMTEC-BDL-120-T-F Datasheet
417Kb / 1P
   MACHINED BOARD STACKING STRIPS
BDL-120-T-F SAMTEC-BDL-120-T-F Datasheet
417Kb / 1P
   MACHINED BOARD STACKING STRIPS
BDL-120-T-F SAMTEC-BDL-120-T-F Datasheet
417Kb / 1P
   MACHINED BOARD STACKING STRIPS
More results


Similar Description - BDL00A5EFJ-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD800M5WFPJ-C ROHM-BD800M5WFPJ-C Datasheet
1Mb / 42P
   For Automotive 500 mA Adjustable Output LDO Regulators
22.Mar.2021 Rev.003
BD4XXS5-C ROHM-BD4XXS5-C Datasheet
2Mb / 41P
   For Automotive 45 V Input 500 mA Fixed Output LDO Regulators
26.Oct.2022 Rev.002
BD9XXM5-C ROHM-BD9XXM5-C Datasheet
3Mb / 46P
   For Automotive 45 V 500 mA Fixed/Adjustable Output QuiCurTM LDO Regulators
20.Jan.2023 Rev.001
BD4XXS2-C ROHM-BD4XXS2-C Datasheet
1Mb / 39P
   For Automotive 45 V Input 200 mA Fixed Output LDO Regulators
09.Sep.2022 Rev.001
BD7XXL05G-C ROHM-BD7XXL05G-C Datasheet
3Mb / 42P
   For Automotive 45 V Input 50 mA Fixed Output LDO Regulators
29.Mar.2022 Rev.001
BD7XXL05G-C ROHM-BD7XXL05G-C_V01 Datasheet
3Mb / 42P
   For Automotive 45 V Input 50 mA Fixed Output LDO Regulators
18.Nov.2022 Rev.002
BD9XXN1-C ROHM-BD9XXN1-C Datasheet
1Mb / 49P
   For Automotive 45 V 150 mA Fixed/Adjustable Output Nano CapTM LDO Regulators
12.May.2022 Rev.001
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
logo
ON Semiconductor
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com