Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20433 Datasheet (PDF) - 3M Electronics

20433 Datasheet PDF - 3M Electronics
Part # 20433
Download  20433 Download

File Size   78.79 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Hookit™ Sheet Pad

20433 Datasheet (PDF)

Go To PDF Page Download Datasheet
20433 Datasheet PDF - 3M Electronics

Part # 20433
Download  20433 Click to download

File Size   78.79 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Hookit™ Sheet Pad

20433 Datasheet (HTML) - 3M Electronics

20433 Datasheet HTML 1Page - 3M Electronics 20433 Datasheet HTML 2Page - 3M Electronics 20433 Datasheet HTML 3Page - 3M Electronics

20433 Product details

Specifications
Applications Finishing, Polishing, Surface Preparation
Attachment
Type Hookit™
Brand Hookit™
Color Red
Converted Form Backup Pads, Non-Disc
Density Rating Medium
Equipment -
Machines Random Orbital Sanders
Form Type Molded
Front Color Black
Hook Type 1
Industries
Aerospace, AOEM, Composite, Cutting Tool Manufacturing, General Industrial,
Metalworking, MRO, Paint Preparation, Primary Metal, Transportation & Heavy Equipment,
Woodworking
Length 4 Inch
Length (Metric) 101.6 mm
Max OPM 10000
Product Form Sheet, Sheet Pad
Sub Industries
Builders Hardware, Cabinetry, Custom Woodworking and Millwork, Furniture, Medical
Instruments, Metal Fabrication, Metal Implants, Plating & Polishing, Plumbing Fixtures,
Primary Wood and Panel Processing, Turbine Engines
Thickness 0.5 Inch
Thickness
(Metric) 12.7 mm
Type Regular
Width 3 Inch
Width (Metric) 76.2 mm




Similar Part No. - 20433

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
204330B ITF-204330B Datasheet
210Kb / 5P
   SAW Bandpass Filter
More results


Similar Description - 20433

ManufacturerPart #DatasheetDescription
logo
3M Electronics
568XA 3M-568XA Datasheet
774Kb / 2P
   3M??Trizact??Hookit??Film Disc 568XA
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
   3M™ VHB™ Tape RP060GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
   3M™ VHB™ Tape RP230GF
May, 2022
291X 3M-291X Datasheet
151Kb / 2P
   3M™ Polishing Films
January 2022
EPX 3M-EPX Datasheet
942Kb / 2P
   3M™ EPX™ Applicators and Nozzles
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
   3M™ VHB™ Tape RP040GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
   3M™ VHB™ Tape RP080GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
   3M™ VHB™ Tape RP160GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
   3M™ VHB™ Tape RP110GF
May, 2022
CG-GU 3M-CG-GU Datasheet
231Kb / 2P
   3M™ Comfort Grip Gloves
January 2020
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com