Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC377 Datasheet (PDF) - NXP Semiconductors

74HC377 Datasheet PDF - NXP Semiconductors
Part No. 74HC377
Download  74HC377 Click to view

File Size   60.66 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type flip-flop with data enable; positive-edge trigger

74HC377 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC377 Datasheet PDF - NXP Semiconductors

Part No. 74HC377
Download  74HC377 Click to view

File Size   60.66 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type flip-flop with data enable; positive-edge trigger

74HC377 Datasheet (HTML) - NXP Semiconductors

74HC377 Datasheet HTML 1Page - NXP Semiconductors 74HC377 Datasheet HTML 2Page - NXP Semiconductors 74HC377 Datasheet HTML 3Page - NXP Semiconductors 74HC377 Datasheet HTML 4Page - NXP Semiconductors 74HC377 Datasheet HTML 5Page - NXP Semiconductors 74HC377 Datasheet HTML 6Page - NXP Semiconductors 74HC377 Datasheet HTML 7Page - NXP Semiconductors

74HC377 Product details

GENERAL DESCRIPTION

The 74HC/HCT377 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A.



FEATURES

• Ideal for addressable register applications

• Data enable for address and data synchronization applications

• Eight positive-edge triggered D-type flip-flops

• See “273” for master reset version

• See “373” for transparent latch version

• See “374” for 3-state version

• Output capability: standard

• ICC category: MSI



Similar Part No. - 74HC377

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
74HC377 ETC1-74HC377 Datasheet
219Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH DATA ENABLE POSITIVE EDGE TRIGGER
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74HC377 NEXPERIA-74HC377 Datasheet
256Kb / 15P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 5 - 25 February 2021
74HC377-Q100 NEXPERIA-74HC377-Q100 Datasheet
721Kb / 18P
   Octal D-type flip-flop with data enable; positive-edge trigger
74HC377-Q100 NEXPERIA-74HC377-Q100 Datasheet
255Kb / 15P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 2 - 25 February 2021
74HC377D NEXPERIA-74HC377D Datasheet
256Kb / 15P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 5 - 25 February 2021
More results

Similar Description - 74HC377

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74AHC377 PHILIPS-74AHC377 Datasheet
101Kb / 20P
   Octal D-type flip-flop with data enable; positive-edge trigger
2000 Aug 15
List of Unclassifed Manufacturers
List of Unclassifed Man...
74HC377 ETC1-74HC377 Datasheet
219Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH DATA ENABLE POSITIVE EDGE TRIGGER
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74AHC377-Q100 NEXPERIA-74AHC377-Q100 Datasheet
744Kb / 17P
   Octal D-type flip-flop with data enable; positive-edge trigger
NXP Semiconductors
NXP Semiconductors
74HCHCT377 PHILIPS-74HCHCT377 Datasheet
64Kb / 7P
   Octal D-type flip-flop with data enable; positive-edge trigger
December 1990
74LV377 PHILIPS-74LV377 Datasheet
114Kb / 12P
   Octal D-type flip-flop with data enable; positive edge-trigger
1998 Jun 10
74LVC377 PHILIPS-74LVC377 Datasheet
95Kb / 10P
   Octal D-type flip-flop with data enable; positive-edge trigger
1998 Jul 29
74AHC377 NXP-74AHC377_08 Datasheet
100Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02-12 June 2008
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74HC377-Q100 NEXPERIA-74HC377-Q100 Datasheet
721Kb / 18P
   Octal D-type flip-flop with data enable; positive-edge trigger
Unisonic Technologies
Unisonic Technologies
U74AHC377 UTC-U74AHC377 Datasheet
256Kb / 8P
   OCTAL D-TYPE FLIP-FLOPS WITH DATA ENABLE POSITIVE-EDGE TRIGGER
NXP Semiconductors
NXP Semiconductors
74ALVC374 PHILIPS-74ALVC374 Datasheet
94Kb / 20P
   Octal D-type flip-flop positive edge-trigger
2002 Feb 26
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com