Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD30N05-20L Datasheet (PDF) - Vishay Siliconix

SQD30N05-20L Datasheet PDF - Vishay Siliconix
Part # SQD30N05-20L_V02
Download  SQD30N05-20L Download
File Size   195.49 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 55 V (D-S) 175 °C MOSFET

SQD30N05-20L Datasheet (PDF)

Go To PDF Page Download Datasheet
SQD30N05-20L Datasheet PDF - Vishay Siliconix

Part # SQD30N05-20L_V02
Download  SQD30N05-20L Click to download

File Size   195.49 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 55 V (D-S) 175 °C MOSFET

SQD30N05-20L Datasheet (HTML) - Vishay Siliconix


SQD30N05-20L Product details

FEATURES
• TrenchFET® power MOSFET
• 100 % Rg and UIS tested
• AEC-Q101 qualified d
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - SQD30N05-20L_V02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD30N05-20L VISHAY-SQD30N05-20L_V01 Datasheet
196Kb / 10P
Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. D, 10-Aug-15
More results


Similar Description - SQD30N05-20L_V02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP75N05-07 VISHAY-SUP75N05-07 Datasheet
78Kb / 5P
N-Channel 55-V (D-S), 175C MOSFET
Rev. A, 19-Apr-99
SUD35N05-26L VISHAY-SUD35N05-26L Datasheet
38Kb / 4P
N-Channel 55-V (D-S) 175 C MOSFET
Rev. A,16-Apr-01
SQD30N05-20L VISHAY-SQD30N05-20L Datasheet
162Kb / 9P
Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. C, 30-Jul-12
SQD30N05-20L VISHAY-SQD30N05-20L_15 Datasheet
194Kb / 11P
Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. D, 10-Aug-15
SQM110N0 VISHAY-SQM110N0_15 Datasheet
162Kb / 10P
Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. B, 17-Oct-11
SQD35N05-26L VISHAY-SQD35N05-26L Datasheet
116Kb / 7P
Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. D, 24-Oct-11
SQM110N0 VISHAY-SQM110N0 Datasheet
162Kb / 9P
Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. B, 17-Oct-11
SQM110N05 VISHAY-SQM110N05 Datasheet
162Kb / 9P
Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. B, 17-Oct-11
SQM110N05-06L VISHAY-SQM110N05-06L Datasheet
162Kb / 9P
Automotive N-Channel 55 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM110N05-06L VISHAY-SQM110N05-06L_V01 Datasheet
162Kb / 9P
Automotive N-Channel 55 V (D-S) 175 °C MOSFET
01-Jan-2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com