Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDC8.0CA Datasheet (PDF) - Diodes Incorporated

HDC8.0CA Datasheet PDF - Diodes Incorporated
Part # HDC8.0CA
Download  HDC8.0CA Download

File Size   71.1 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 375W LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR

HDC8.0CA Datasheet (PDF)

Go To PDF Page Download Datasheet
HDC8.0CA Datasheet PDF - Diodes Incorporated

Part # HDC8.0CA
Download  HDC8.0CA Click to download

File Size   71.1 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 375W LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR

HDC8.0CA Datasheet (HTML) - Diodes Incorporated

HDC8.0CA Datasheet HTML 1Page - Diodes Incorporated HDC8.0CA Datasheet HTML 2Page - Diodes Incorporated

HDC8.0CA Product details

Features
● 375W Peak Pulse Power Dissipation
● 5.0V - 30V Standoff Voltages
● Glass Passivated Die Construction
● Bi-Directional Device
● Excellent Clamping Capability
● Fast Response Time
● Plastic Material: UL Flammability Classification Rating 94V-0
● Very Low Capacitance




Similar Part No. - HDC8.0CA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HDC-CTF HIROSE-HDC-CTF Datasheet
329Kb / 6P
   CTF SERIES PLASTIC D SUBMINIATURE SHELL(ACCESSORIES)
HDC-CTF1 HIROSE-HDC-CTF1 Datasheet
329Kb / 6P
   CTF SERIES PLASTIC D SUBMINIATURE SHELL(ACCESSORIES)
HDC-CTH HIROSE-HDC-CTH Datasheet
240Kb / 5P
   CTH SERIES METALIZED PLASTIC D SUBMINIATURE SHELL
HDC-CTH1 HIROSE-HDC-CTH1 Datasheet
240Kb / 5P
   CTH SERIES METALIZED PLASTIC D SUBMINIATURE SHELL
HDC-NF-PJ HIROSE-HDC-NF-PJ Datasheet
378Kb / 5P
   C15 Type Accessories
More results


Similar Description - HDC8.0CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
TV05B5V0P-G COMCHIP-TV05B5V0P-G Datasheet
113Kb / 5P
   Low Capacitance Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
SAC NJSEMI-SAC Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LCE NJSEMI-LCE Datasheet
279Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
LCE6.5A TAYCHIPST-LCE6.5A Datasheet
7Mb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com