Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90308CAB Datasheet (PDF) - List of Unclassifed Manufacturers

MLX90308CAB Datasheet PDF - List of Unclassifed Manufacturers
Part # MLX90308CAB
Download  MLX90308CAB Download

File Size   522.45 Kbytes
Page   26 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Programmable Sensor Interface

MLX90308CAB Datasheet (PDF)

Go To PDF Page Download Datasheet
MLX90308CAB Datasheet PDF - List of Unclassifed Manufacturers

Part # MLX90308CAB
Download  MLX90308CAB Click to download

File Size   522.45 Kbytes
Page   26 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Programmable Sensor Interface

MLX90308CAB Datasheet (HTML) - List of Unclassifed Manufacturers


MLX90308CAB Product details

[Melexis]

Description
The MLX90308CAB is a dedicated microcontroller which performs signal conditioning for sensors wired in bridge or differential configurations. Sensors that can be used include thermistors, strain gauges, load cells, pressure sensors, accelerometers, etc. The signal conditioning includes gain adjustment, offset control, high order temperature and linearity compensation. Compensation values are stored in EEPROM and are reprogrammable. Programming is accomplished by using a PC, with an interface circuit (level shifting and glue logic), and provided software.

Features and Benefits
    Microprocessor-controlled signal conditioning for bridge-type sensors
    Suited for low-cost sensors: reduction of non-linearity by programmable coefficients
    External or internal temperature sensor for compensating temperature errors
    Versatile output signal ranges: 4, 5, 10, or 11VDC; 4 to 20 mA loop
    Mass calibration easy with 2400 or 9600 baud UART
    Power supply from 6 to 35VDC

Applications
    Pressure transducers
    Accelerometers
    Temperature sensor assemblies
    Linear position sensors




Similar Part No. - MLX90308CAB

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MLX90308CCC MICRO-ELECTRONICS-MLX90308CCC Datasheet
494Kb / 26P
   Programmable Sensor Interface
MLX90308CCCLW MICRO-ELECTRONICS-MLX90308CCCLW Datasheet
494Kb / 26P
   Programmable Sensor Interface
MLX90308CCCUD MICRO-ELECTRONICS-MLX90308CCCUD Datasheet
494Kb / 26P
   Programmable Sensor Interface
More results


Similar Description - MLX90308CAB

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MLX90308CCC MICRO-ELECTRONICS-MLX90308CCC Datasheet
494Kb / 26P
   Programmable Sensor Interface
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314_17 Datasheet
1Mb / 33P
   Programmable Sensor Interface
MLX90308 MELEXIS-MLX90308 Datasheet
824Kb / 28P
   Programmable Sensor Interface
logo
List of Unclassifed Man...
MLX90314 ETC-MLX90314 Datasheet
495Kb / 26P
   Programmable Sensor Interface
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314_12 Datasheet
996Kb / 28P
   Programmable Sensor Interface
MLX90308 MELEXIS-MLX90308_12 Datasheet
1Mb / 28P
   Programmable Sensor Interface
logo
List of Unclassifed Man...
MLX90313 ETC-MLX90313 Datasheet
562Kb / 35P
   Programmable IR Sensor Interface
logo
Mixed Signal Integratio...
MSSPSI MSI-MSSPSI Datasheet
93Kb / 16P
   Smart Programmable Sensor Interface
MSCPSI MSI-MSCPSI Datasheet
123Kb / 17P
   Controller Programmable Sensor Interface
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com