Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAD-360 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

LAD-360 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # LAD-360
Download  LAD-360 Download

File Size   1626.28 Kbytes
Page   12 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 360W Economical Security/Fire Alarm PSU with Battery Charger/UPS

LAD-360 Datasheet (PDF)

Go To PDF Page Download Datasheet
LAD-360 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # LAD-360
Download  LAD-360 Click to download

File Size   1626.28 Kbytes
Page   12 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 360W Economical Security/Fire Alarm PSU with Battery Charger/UPS

LAD-360 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.

Back Button LAD-360 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LAD-360 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LAD-360 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LAD-360 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LAD-360 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LAD-360 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. LAD-360 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. LAD-360 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. LAD-360 Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. LAD-360 Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd. Next Button 

LAD-360 Product details

Features
* Built-in battery charger and UPS function
* TTL signals for status detection:
AC OK, Battery disconnect, Battery reverse polarity, Battery low,
Battery full and Discharge (Blank version only)
* UART Gommunication (U version only)
* Built-in buzzer alarm (U version only)
* Built-in AC and battery circuit ON/OFF switchs enhance safetyness
during maintenance
* Forced UPS mode for battery maintenance
* Protections: Short circuit/ Overload / Over voltage /
Over temperature / Battery low voltage /
Battery reverse polarity (No damage)
* 20 ~ +60°C wide operating temperature
* Output voltage adjustable (-20%~+5%) for GH1 by VR
* Suitable for lead acid and lithium-ion batteries
* Design refer to GB17945/GB4717(U version only) system requirement
* 1U low profile (30 mm)
* 3 years warranty




Similar Part No. - LAD-360

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LAD-120 MEANWELL-LAD-120 Datasheet
956Kb / 6P
   120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
LAD-120A MEANWELL-LAD-120A Datasheet
956Kb / 6P
   120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
LAD-120B MEANWELL-LAD-120B Datasheet
956Kb / 6P
   120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
LAD-120C MEANWELL-LAD-120C Datasheet
956Kb / 6P
   120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
LAD-120D MEANWELL-LAD-120D Datasheet
956Kb / 6P
   120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
More results


Similar Description - LAD-360

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LAD-120 MEANWELL-LAD-120 Datasheet
956Kb / 6P
   120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
LAD-240 MEANWELL-LAD-240 Datasheet
1Mb / 7P
   240W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
LAD-600 MEANWELL-LAD-600 Datasheet
1Mb / 12P
   600W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
PB-360 MEANWELL-PB-360 Datasheet
292Kb / 2P
   360W Single Output Battery Charger
logo
List of Unclassifed Man...
PB-360P-24 ETC2-PB-360P-24 Datasheet
295Kb / 3P
   360W Single Output Battery Charger
logo
Mean Well Enterprises C...
PB-360 MEANWELL-PB-360_10 Datasheet
297Kb / 2P
   360W Single Output Battery Charger
PB-360 MEANWELL-PB-360_11 Datasheet
294Kb / 2P
   360W Single Output Battery Charger
ENC-360 MEANWELL-ENC-360 Datasheet
102Kb / 5P
   360W Programmable Desktop Type Battery Charger
ADD-155B MEANWELL-ADD-155B Datasheet
360Kb / 2P
   155W Dual Output with Battery Charger(UPS Function)
DRC-40 MEANWELL-DRC-40 Datasheet
267Kb / 5P
   40W Single Output with Battery Charger (UPS Function)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com