Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C65219 Datasheet (PDF) - Infineon Technologies AG

CY7C65219 Datasheet PDF - Infineon Technologies AG
Part # CY7C65219
Download  CY7C65219 Download
File Size   650.14 Kbytes
Page   26 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Dock Management Controller (DMC)

CY7C65219 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C65219 Datasheet PDF - Infineon Technologies AG

Part # CY7C65219
Download  CY7C65219 Click to download

File Size   650.14 Kbytes
Page   26 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Dock Management Controller (DMC)

CY7C65219 Datasheet (HTML) - Infineon Technologies AG


CY7C65219 Product details

General Description
The CY7C65219-40LQXI Dock Management Controller (DMC) is a USB Billboard controller that is designed for managing USB dock
and monitor solutions. The DMC provides USB full-speed capability to support USB Billboard device class v1.21. It supports signed
and unsigned firmware download over USB to programmable dock components (such as USB PD Controller and Hub controller)
connected to the DMC. DMC uses Cypress’ proprietary M0S8 technology with a 32-bit, 48-MHz Arm® Cortex® -M0 processor with
128-KB flash, 8-KB SRAM, 20 GPIOs, full-speed USB device controller, and a Crypto engine for authentication. DMC provides
system-level ESD protection. DMC is available in a 40-QFN package.

Features
Dock Management Controller
■ USB-IF Certified USB 2.0 FS Silicon, TID#1534
■ USB Billboard device class v1.21 support
■ Firmware update support and status reporting for DMC and all
programmable dock components
32-bit MCU Subsystem
■ 48-MHz Arm Cortex-M0 CPU
■ 128-KB Flash
■ 8-KB SRAM
Integrated Digital Blocks
■ Hardware Crypto block enables Authentication
■ Full-Speed USB Device Controller supporting Billboard Device
Class
■ Integrated timers and counters
■ Four run-time reconfigurable serial communication blocks
(SCBs) with reconfigurable I2C, SPI, or UART functionality
Clocks and Oscillators
■ Integrated oscillator eliminating the need for external clock
Power
■ 2.7 V to 5.5 V operation
■ Independent supply voltage pin for GPIO that allows 1.71 V to
5.5 V signaling on the I/Os
■ Reset: 30 μA, Deep Sleep: 30 μA, Sleep: 3.5 mA
System-Level ESD Protection
■ On DPLUS and DMINUS pins
■ ± 8-kV Contact Discharge and ±15-kV Air Gap Discharge based
on IEC61000-4-2 level 4C
Packages
■ 40-pin QFN for Docks/monitors
■ Supports industrial temperature range (–40 °C to +85 °C)




Similar Part No. - CY7C65219

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65210 CYPRESS-CY7C65210 Datasheet
278Kb / 19P
USB Billboard Controller
CY7C65210-24LTXI CYPRESS-CY7C65210-24LTXI Datasheet
278Kb / 19P
USB Billboard Controller
CY7C65210-24LTXIT CYPRESS-CY7C65210-24LTXIT Datasheet
278Kb / 19P
USB Billboard Controller
CY7C65210A CYPRESS-CY7C65210A Datasheet
278Kb / 19P
USB Billboard Controller
CY7C65210A-24LTXI CYPRESS-CY7C65210A-24LTXI Datasheet
278Kb / 19P
USB Billboard Controller
More results


Similar Description - CY7C65219

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTE1122 MICROCHIP-MTE1122 Datasheet
139Kb / 8P
Energy Management Controller IC
1995
logo
National Semiconductor ...
PC87782 NSC-PC87782 Datasheet
123Kb / 17P
CompactRISC Intelligent System Management Controller
logo
List of Unclassifed Man...
SI3480 ETC2-SI3480 Datasheet
139Kb / 14P
POWER MANAGEMENT CONTROLLER
logo
Silicon Laboratories
SI3483 SILABS-SI3483 Datasheet
1Mb / 52P
POWER MANAGEMENT CONTROLLER
logo
Texas Instruments
BQ78350 TI1-BQ78350 Datasheet
2Mb / 39P
Battery Management Controller Companion
BQ78350-R1 TI1-BQ78350-R1 Datasheet
1Mb / 32P
Battery Management Controller Companion
logo
Motorola, Inc
MC33128 MOTOROLA-MC33128 Datasheet
177Kb / 8P
POWER MANAGEMENT CONTROLLER
logo
Silicon Laboratories
SI3480 SILABS-SI3480 Datasheet
144Kb / 14P
POWER MANAGEMENT CONTROLLER
SI3482 SILABS-SI3482 Datasheet
391Kb / 38P
POWER MANAGEMENT CONTROLLER
logo
Texas Instruments
TPS65982DMC TI-TPS65982DMC Datasheet
3Mb / 60P
TPS65982DMC Dock Management Controller
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com