Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL6040A2 Datasheet (PDF) - Texas Instruments

TWL6040A2 Datasheet PDF - Texas Instruments
Part # TWL6040A2
Download  TWL6040A2 Download

File Size   458.17 Kbytes
Page   15 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TWL6040 8-Channel Low-Power Audio Codec for Portable Applications

TWL6040A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TWL6040A2 Datasheet PDF - Texas Instruments

Part # TWL6040A2
Download  TWL6040A2 Click to download

File Size   458.17 Kbytes
Page   15 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TWL6040 8-Channel Low-Power Audio Codec for Portable Applications

TWL6040A2 Datasheet (HTML) - Texas Instruments


TWL6040A2 Product details

1.1 Features 1
• Four Audio Digital-to-Analog Converter (DAC)
Channels
• Stereo Capless Headphone Drivers:
– Up to 104-dB DR
– Power Tune for Performance and Power
Consumption Tradeoff
• Stereo 8 Ω, 1.5 W per Channel Speaker Drivers
• Differential Earpiece Driver
• Stereo Line-Out
• Two Audio Analog-to-Digital Converter (ADC)
Channels:
– 96-dBA SNR
• Four Audio Inputs:
– Three Differential Microphone Inputs
– Stereo Line-In and FM Input
• Two Vibrator and Haptics Feedback Channels:
– Differential H-Bridge Drivers
• Two Low-Noise Analog Microphone Bias Outputs
• Two Digital Microphone Bias Outputs
• Analog Low-Power Loop from Line-in to
Headphone and Speaker Outputs
• Dual Phase-Locked Loops (PLLs) for Flexible
Clock Support:
– 32-kHz Sleep Clock Input for System Low-
Power Playback Mode
– 12-, 19.2-, 26-, and 38.4-MHz System Clock
Input
• Accessory Plug and Unplug Detection, Accessory
Button Press Detection
• Integrated Power Supplies:
– Negative Charge Pump for Capless Headphone
Driver
– Two Low Dropout Voltage Regulators (LDOs)
for High Power Supply Rejection Ratio (PSRR)
• I2C Control
• Thermal Protection:
– Host Interrupt
• Power Supplies:
– Analog: 2.1 V
– Digital I/O: 1.8 V
– Battery: 2.3 to 5.5 V
• Package 6-mm × 6-mm 120-Pin PBGA

1.2 Applications
• Mobile and Smart Phones
• MP3 Players
• Handheld Devices

1.3 Description
The TWL6040 device is an audio coder/decoder (codec) with a high level of integration providing analog
audio codec functions for portable applications, as shown in Figure 1-1. The device contains multiple
audio analog inputs and outputs, as well as microphone biases and accessory detection. The device is
connected to the OMAP™ 4 host processor through a proprietary PDM interface for audio data
communication enabling partitioning with optimized power consumption and performance. Multichannel
audio data is multiplexed to a single wire for downlink (PDML) and uplink (PDMUL).
The OMAP4 device provides the TWL6040 device with five PDM audio-input channels (DL0–DL4).
Channels DL0–DL3 are connected to four parallel DAC channels multiplexed to stereo headphone (HSL,
HSR), stereo speaker (HFL, HFR), and earpiece (EAR) or stereo line outputs (AUXL, AUXR).
The stereo headphone path has a low-power (LP) mode operating from a 32-kHz sleep clock to enable
more than 100 hours of MP3 playback time. Very-high dynamic range of 104 dBA is achieved when using
the system clock input and DAC path high-performance (HP) mode. Class-AB headphone drivers provide
a 1-Vrms capability output and are ground centered for capless connection to a headphone, thus enabling
system size and cost reduction. The earpiece driver is a differential class-AB driver with 2 Vrms capability
to a typical 32-Ω load or 1.4 Vrms to a typical 16-Ω load.
Stereo speaker path has filterless class-D outputs with 1.5-W capability per channel. Output power
maximization supply connections to an external boost is supported. Speaker drivers also support hearing
aid coil loads. For vibrator and haptic feedback support, the TWL6040 has two PWM channels with
independent input signals from DL4 or inter-integrated circuit (I2C).
Vibrator drivers are differential H-bridge outputs, enabling fast acceleration and deceleration of vibrator
motor. An external driver for a hearing aid coil or a piezo speaker requiring high voltage can be connected
to line outputs.
The TWL6040 supports three differential microphone inputs (MMIC, HMIC, and SMIC) and a stereo lineinput
(AFML, AFMR) multiplexed to two parallel ADCs. The PDM output from the ADCs is transmitted to
the OMAP4 processor through UL0 and UL1. AFML, AFMR inputs can also be looped to analog outputs
(LB0, LB1).
Two LDOs provide a voltage of 2.1 V to bias analog microphones (MBIAS and HBIAS). The maximum
output current is 2 mA for each analog bias, allowing up to two microphones on one bias. Two LDOs
provide a voltage of 1.8 V/1.85 V to bias digital microphones (DBIAS1 and DBIAS2). One bias generator
can bias several digital microphones at the same time, with a total maximum output current of 10 mA.
The TWL6040 has an integrated negative charge pump (NCP) and two LDOs (HS LDO and LS LDO) for
high PSRR. The only external supply needed is 2.1 V, which is available from the 2.1-V DC-DC of the
TWL6030 power-management IC (PMIC) in the OMAP4 system. By powering audio from low-noise 2.1-V
DC-DC of low power consumption, high dynamic range and high output swing at headset output are
achieved. All other supply inputs can be directly connected to battery or system 1.8-V I/O.
Two integrated PLLs enable operation from a 12-, 19.2-, 26-, and 38.4-MHz system clock (MCLK) or, in
LP playback mode, from a 32-kHz sleep clock (CLK32K). The frequency plan is based on a 48-kS/s audio
data rate for all channels, and host processor uses sample-rate converters to interface with different
sample rates (for example, 44.1 kHz). In the specific case of low-power audio playback, the TWL6040
supports the 44.1-kS/s and 48-kS/s rates. Transitions between sample rates or input clocks are seamless.
Accessory plug and unplug detections are supported (PLUGDET). Some headsets have a manual switch
for submitting send/end signal to the terminal through the microphone input pin. This feature is supported
by a periodic accessory button press detection to minimize current consumption in sleep mode. Detection
cycle properties can be programmed according to system requirements.




Similar Part No. - TWL6040A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6040A2 TI1-TWL6040A2 Datasheet
724Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
TWL6040A2 TI-TWL6040A2 Datasheet
749Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6040A2GZQZR TI-TWL6040A2GZQZR Datasheet
749Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6040A2ZQZ TI1-TWL6040A2ZQZ Datasheet
533Kb / 37P
[Old version datasheet]   8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
TWL6040A2ZQZ TI1-TWL6040A2ZQZ Datasheet
724Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
More results


Similar Description - TWL6040A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6040 TI1-TWL6040_16 Datasheet
724Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
TWL6040 TI-TWL6040_V01 Datasheet
749Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6041 TI1-TWL6041_14 Datasheet
684Kb / 12P
[Old version datasheet]   8-Channel Low-Power Audio Codec for Portable Applications
TWL6040 TI1-TWL6040 Datasheet
533Kb / 37P
[Old version datasheet]   8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
logo
Wolfson Microelectronic...
WM9711 WOLFSON-WM9711 Datasheet
645Kb / 66P
   LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
WM9711 WOLFSON-WM9711_06 Datasheet
607Kb / 65P
   Low Power Audio CODEC for Portable Applications
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
   Ultra Low Power CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
   Ultra Low-Power Codec for Portable Audio Applications
logo
Wolfson Microelectronic...
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
   Ultra Low Power CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
   Stereo CODEC for Portable Audio Applications
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com