Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1191X Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R1191X Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R1191X
Download  R1191X Download
File Size   4553.13 Kbytes
Page   45 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 300mA LDO REGULATOR with the Reverse Current Protection

R1191X Datasheet (PDF)

Go To PDF Page Download Datasheet
R1191X Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R1191X
Download  R1191X Click to download

File Size   4553.13 Kbytes
Page   45 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 300mA LDO REGULATOR with the Reverse Current Protection

R1191X Datasheet (HTML) - Nisshinbo Micro Devices Inc.


R1191X Product details

FEATURES
• Supply Current ..................................................... Typ. 50μA (Fast Mode),
Typ. 6.0μA (Low Power Mode)
• Standby Mode ...................................................... Typ. 0.3μA
• Reverse Current ................................................... Max. 0.1μA
• Output Current ..................................................... Min. 300mA
• Input Voltage Range ............................................ 3.5V to 16.0V
• Output Voltage Range .......................................... 2.0V to 15.0V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Output Voltage Accuracy ...................................... ±1.5% (Fast Mode)
±2.5% (Low Power Mode)
• Temperature-Drift Coefficient of Output Voltage .. Typ. ±80ppm/°C
• Dropout Voltage ................................................... Typ. 0.55V (Fast Mode, IOUT=300mA ,VOUT=5.0V)
Typ. 0.70V (Low Power Mode, IOUT=300mA,VOUT=5.0V)
• Ripple Rejection ................................................... Typ. 60dB (f=1kHz,VOUT=5.0V, Fast Mode)
• Line Regulation .................................................... Typ. 0.02%/V (Fast Mode)
• Packages ............................................................ DFN1616-6, SOT-23-5, SOT-89-5
• Built-in fold-back protection circuit ....................... Typ. 50mA (Current at short mode)
• Built-in Thermal Shutdown Circuit ........................ Shutdown Temperature at 150°C
• Ceramic capacitors are recommended to be used with this IC ··· CIN=2.2μF or more, COUT=4.7μF or more




Similar Part No. - R1191X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1191 RICOH-R1191 Datasheet
3Mb / 33P
Supply Current Typ. 50uA (Fast Mode)
R1191H020B-T1-FE RICOH-R1191H020B-T1-FE Datasheet
3Mb / 33P
Supply Current Typ. 50uA (Fast Mode)
R1191H020D-T1-FE RICOH-R1191H020D-T1-FE Datasheet
3Mb / 33P
Supply Current Typ. 50uA (Fast Mode)
R1191H030B-T1-FE RICOH-R1191H030B-T1-FE Datasheet
3Mb / 33P
Supply Current Typ. 50uA (Fast Mode)
R1191H030D-T1-FE RICOH-R1191H030D-T1-FE Datasheet
3Mb / 33P
Supply Current Typ. 50uA (Fast Mode)
More results


Similar Description - R1191X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
700mA High Speed LDO Regulator with Reverse Current Protection
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
logo
Nisshinbo Micro Devices...
R1163N NISSHINBO-R1163N Datasheet
887Kb / 35P
3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
logo
New Japan Radio
NJM2879-H NJRC-NJM2879-H Datasheet
538Kb / 17P
LDO with Reverse Current Protection / Discharge Function
Ver.1.3
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com