Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA1500-75-1X Datasheet (PDF) - Vishay Barry

AA1500-75-1X Datasheet PDF - Vishay Barry
Part # AA1500-75-1X
Download  AA1500-75-1X Download
File Size   140.68 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description Aluminum Nitride 15 dB FLANGED ATTENUATOR

AA1500-75-1X Datasheet (PDF)

Go To PDF Page Download Datasheet
AA1500-75-1X Datasheet PDF - Vishay Barry

Part # AA1500-75-1X
Download  AA1500-75-1X Click to download

File Size   140.68 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description Aluminum Nitride 15 dB FLANGED ATTENUATOR

AA1500-75-1X Datasheet (HTML) - Vishay Barry


AA1500-75-1X Product details

General Description:
The AA1500-75-1X is a flanged 15 dB,
Aluminum Nitride attenuator. It has an input
power rating of 75 watts, while maintaining a
constant flange temperature of 100°C. It offers
a frequency range from DC to 4 GHz.

Features:
♦ Aluminum Nitride Material
♦ DC - 4 GHz Performance
♦ 75 Watt Input Power
♦ Flange Mount




Similar Part No. - AA1500-75-1X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA1500-40-3X BARRY-AA1500-40-3X Datasheet
191Kb / 1P
Aluminum Nitride 15dB FLANGED ATTENUATOR
Revision Date 9/24/07
More results


Similar Description - AA1500-75-1X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0175-250-17X BARRY-AA0175-250-17X Datasheet
78Kb / 1P
Aluminum Nitride 1.75 dB FLANGED ATTENUATOR
Revision Date 03/20/12
AA0300-100-3X BARRY-AA0300-100-3X Datasheet
569Kb / 1P
Aluminum Nitride 3 dB FLANGED ATTENUATOR
Revision Date 10/31/06
AA0600-100-3X BARRY-AA0600-100-3X Datasheet
83Kb / 1P
Aluminum Nitride 6 dB FLANGED ATTENUATOR
Revision Date 05/16/12
AA1000-40-3X BARRY-AA1000-40-3X Datasheet
167Kb / 1P
Aluminum Nitride 10 dB FLANGED ATTENUATOR
Revision Date 11/5/07
AA3000-100-3X BARRY-AA3000-100-3X Datasheet
137Kb / 1P
ALUMINUM NITRIDE 30 dB FLANGED ATTENUATOR
Rev. C
AA0200-100-9X BARRY-AA0200-100-9X Datasheet
134Kb / 1P
Aluminum Nitride 2 dB FLANGED ATTENUATOR
Rev. B
AA0300-100-9X BARRY-AA0300-100-9X Datasheet
145Kb / 1P
Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. A
AA2000-100-3X BARRY-AA2000-100-3X Datasheet
131Kb / 1P
Aluminum Nitride 20 dB FLANGED ATTENUATOR
Rev. C
AA2500-150-5X BARRY-AA2500-150-5X Datasheet
143Kb / 1P
Aluminum Nitride 25 dB FLANGED ATTENUATOR
Revision Date 04/15/10
AA0200-40-3X BARRY-AA0200-40-3X Datasheet
140Kb / 1P
Aluminum Nitride 2 dB FLANGED ATTENUATOR
Revision Date 06/15/09
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com