Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA0175-250-17X Datasheet (PDF) - Vishay Barry

AA0175-250-17X Datasheet PDF - Vishay Barry
Part # AA0175-250-17X
Download  AA0175-250-17X Download
File Size   78.97 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description Aluminum Nitride 1.75 dB FLANGED ATTENUATOR

AA0175-250-17X Datasheet (PDF)

Go To PDF Page Download Datasheet
AA0175-250-17X Datasheet PDF - Vishay Barry

Part # AA0175-250-17X
Download  AA0175-250-17X Click to download

File Size   78.97 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description Aluminum Nitride 1.75 dB FLANGED ATTENUATOR

AA0175-250-17X Datasheet (HTML) - Vishay Barry


AA0175-250-17X Product details

Features:
♦ Aluminum Nitride Material
♦ DC - 3 GHz Performance
♦ 250 Watt Input Power
♦ Flange Mount




Similar Part No. - AA0175-250-17X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0100-10-3X BARRY-AA0100-10-3X Datasheet
142Kb / 1P
Aluminum Nitride
11/03/08
AA0100-250-18X BARRY-AA0100-250-18X Datasheet
89Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 08/21/12
logo
Japan Aviation Electron...
AA01A JAE-AA01A Datasheet
465Kb / 6P
0.5mm Pitch Stacking Type Board-to-Board Connector
logo
MKS Instruments.
AA01A MKS-AA01A Datasheet
271Kb / 4P
All products are specified in percent of Reading for best accuracy and improved process yield
logo
Astec America, Inc
AA01D ASTEC-AA01D Datasheet
445Kb / 2P
1-2 Watts
More results


Similar Description - AA0175-250-17X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0300-100-3X BARRY-AA0300-100-3X Datasheet
569Kb / 1P
Aluminum Nitride 3 dB FLANGED ATTENUATOR
Revision Date 10/31/06
AA0600-100-3X BARRY-AA0600-100-3X Datasheet
83Kb / 1P
Aluminum Nitride 6 dB FLANGED ATTENUATOR
Revision Date 05/16/12
AA1000-40-3X BARRY-AA1000-40-3X Datasheet
167Kb / 1P
Aluminum Nitride 10 dB FLANGED ATTENUATOR
Revision Date 11/5/07
AA3000-100-3X BARRY-AA3000-100-3X Datasheet
137Kb / 1P
ALUMINUM NITRIDE 30 dB FLANGED ATTENUATOR
Rev. C
AA0200-100-9X BARRY-AA0200-100-9X Datasheet
134Kb / 1P
Aluminum Nitride 2 dB FLANGED ATTENUATOR
Rev. B
AA0300-100-9X BARRY-AA0300-100-9X Datasheet
145Kb / 1P
Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. A
AA1500-75-1X BARRY-AA1500-75-1X Datasheet
140Kb / 1P
Aluminum Nitride 15 dB FLANGED ATTENUATOR
Revision Date 06/15/09
AA2000-100-3X BARRY-AA2000-100-3X Datasheet
131Kb / 1P
Aluminum Nitride 20 dB FLANGED ATTENUATOR
Rev. C
AA2500-150-5X BARRY-AA2500-150-5X Datasheet
143Kb / 1P
Aluminum Nitride 25 dB FLANGED ATTENUATOR
Revision Date 04/15/10
AA0200-40-3X BARRY-AA0200-40-3X Datasheet
140Kb / 1P
Aluminum Nitride 2 dB FLANGED ATTENUATOR
Revision Date 06/15/09
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com