Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A0150-150-1X Datasheet (PDF) - Vishay Barry

A0150-150-1X Datasheet PDF - Vishay Barry
Part # A0150-150-1X
Download  A0150-150-1X Download

File Size   119.96 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description BeO 1.5 dB FLANGED ATTENUATOR

A0150-150-1X Datasheet (PDF)

Go To PDF Page Download Datasheet
A0150-150-1X Datasheet PDF - Vishay Barry

Part # A0150-150-1X
Download  A0150-150-1X Click to download

File Size   119.96 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description BeO 1.5 dB FLANGED ATTENUATOR

A0150-150-1X Datasheet (HTML) - Vishay Barry

A0150-150-1X Datasheet HTML 1Page - Vishay Barry

A0150-150-1X Product details

Features:
♦ BeO Material
♦ DC - 4 GHz Performance
♦ 150 Watt Input Power
♦ Flange Mount




Similar Part No. - A0150-150-1X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0151B ETC2-A0151B Datasheet
822Kb / 7P
   ILLUMINATED OR NON-ILLUMINATED PUSHBUTTON SWITCHES Panel cut-out 횠16 (.630)
logo
Coilcraft lnc.
A0152-AL COILCRAFT-A0152-AL Datasheet
152Kb / 3P
   Planar Transformers
logo
List of Unclassifed Man...
A0152B ETC2-A0152B Datasheet
822Kb / 7P
   ILLUMINATED OR NON-ILLUMINATED PUSHBUTTON SWITCHES Panel cut-out 횠16 (.630)
A0153B ETC2-A0153B Datasheet
822Kb / 7P
   ILLUMINATED OR NON-ILLUMINATED PUSHBUTTON SWITCHES Panel cut-out 횠16 (.630)
A0155B ETC2-A0155B Datasheet
822Kb / 7P
   ILLUMINATED OR NON-ILLUMINATED PUSHBUTTON SWITCHES Panel cut-out 횠16 (.630)
More results


Similar Description - A0150-150-1X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
A0800-40-3X BARRY-A0800-40-3X Datasheet
138Kb / 1P
   BeO 8 dB FLANGED ATTENUATOR
Revision Date 11/24/08
A0100-40-1X BARRY-A0100-40-1X Datasheet
184Kb / 1P
   BeO 1 dB FLANGED ATTENUATOR
Revision Date 07/16/08
A0300-50-5X BARRY-A0300-50-5X Datasheet
219Kb / 1P
   BeO 3 dB FLANGED ATTENUATOR
Rev. A
A0100-100-9X BARRY-A0100-100-9X Datasheet
87Kb / 1P
   BeO 1 dB FLANGED ATTENUATOR
Rev. A
A1500-40-3X BARRY-A1500-40-3X Datasheet
134Kb / 1P
   BeO 15 dB FLANGED ATTENUATOR
Revision Date 11/24/08
A3000-40-1X BARRY-A3000-40-1X Datasheet
84Kb / 1P
   BeO 30 dB FLANGED ATTENUATOR
Rev. A
A0300-40-3X BARRY-A0300-40-3X Datasheet
136Kb / 1P
   BeO 3 dB FLANGED ATTENUATOR
Rev. C
A1200-40-3X BARRY-A1200-40-3X Datasheet
134Kb / 1P
   BeO 12 dB FLANGED ATTENUATOR
Rev. A
A3000-40-3X BARRY-A3000-40-3X Datasheet
149Kb / 1P
   BeO 30 dB FLANGED ATTENUATOR
Rev. A
A0600-40-3X BARRY-A0600-40-3X Datasheet
141Kb / 1P
   BeO 6 dB FLANGED ATTENUATOR
Rev. B
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com