Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A0600-40-3X Datasheet (PDF) - Vishay Barry

A0600-40-3X Datasheet PDF - Vishay Barry
Part # A0600-40-3X
Download  A0600-40-3X Download

File Size   141.83 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description BeO 6 dB FLANGED ATTENUATOR

A0600-40-3X Datasheet (PDF)

Go To PDF Page Download Datasheet
A0600-40-3X Datasheet PDF - Vishay Barry

Part # A0600-40-3X
Download  A0600-40-3X Click to download

File Size   141.83 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description BeO 6 dB FLANGED ATTENUATOR

A0600-40-3X Datasheet (HTML) - Vishay Barry

A0600-40-3X Datasheet HTML 1Page - Vishay Barry

A0600-40-3X Product details

Features:
♦ BeO Material
♦ DC - 4 GHz Performance
♦ 40 Watt Input Power
♦ Flange Mount




Similar Part No. - A0600-40-3X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
A0600-20-3X BARRY-A0600-20-3X Datasheet
181Kb / 1P
   BeO
05/16/08
More results


Similar Description - A0600-40-3X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
A0800-40-3X BARRY-A0800-40-3X Datasheet
138Kb / 1P
   BeO 8 dB FLANGED ATTENUATOR
Revision Date 11/24/08
A0100-40-1X BARRY-A0100-40-1X Datasheet
184Kb / 1P
   BeO 1 dB FLANGED ATTENUATOR
Revision Date 07/16/08
A0150-150-1X BARRY-A0150-150-1X Datasheet
119Kb / 1P
   BeO 1.5 dB FLANGED ATTENUATOR
Revision Date 01/05/11
A0300-50-5X BARRY-A0300-50-5X Datasheet
219Kb / 1P
   BeO 3 dB FLANGED ATTENUATOR
Rev. A
A0100-100-9X BARRY-A0100-100-9X Datasheet
87Kb / 1P
   BeO 1 dB FLANGED ATTENUATOR
Rev. A
A1500-40-3X BARRY-A1500-40-3X Datasheet
134Kb / 1P
   BeO 15 dB FLANGED ATTENUATOR
Revision Date 11/24/08
A3000-40-1X BARRY-A3000-40-1X Datasheet
84Kb / 1P
   BeO 30 dB FLANGED ATTENUATOR
Rev. A
A0300-40-3X BARRY-A0300-40-3X Datasheet
136Kb / 1P
   BeO 3 dB FLANGED ATTENUATOR
Rev. C
A1200-40-3X BARRY-A1200-40-3X Datasheet
134Kb / 1P
   BeO 12 dB FLANGED ATTENUATOR
Rev. A
A3000-40-3X BARRY-A3000-40-3X Datasheet
149Kb / 1P
   BeO 30 dB FLANGED ATTENUATOR
Rev. A
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com