Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV632A Datasheet (PDF) - Integrated Silicon Solution, Inc

IS61LV632A Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS61LV632A
Download  IS61LV632A Download

File Size   122.25 Kbytes
Page   16 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 32K x 32 SYNCHRONOUS FAST STATIC RAM

IS61LV632A Datasheet (PDF)

Go To PDF Page Download Datasheet
IS61LV632A Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS61LV632A
Download  IS61LV632A Click to download

File Size   122.25 Kbytes
Page   16 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 32K x 32 SYNCHRONOUS FAST STATIC RAM

IS61LV632A Datasheet (HTML) - Integrated Silicon Solution, Inc


IS61LV632A Product details

DESCRIPTION
The ISSI IS61LV632A is a high-speed, low-power synchronous static RAM designed to provide a burstable, highperformance, secondary cache for the i486™, Pentium™, 680X0™, and PowerPC™ microprocessors. It is organized as 32,768 words by 32 bits, fabricated with ISSIs advanced CMOS technology. The device integrates a 2-bit burst counter, high-speed SRAM core, and high-drive capability outputs into a single monolithic circuit. All synchronous inputs pass through registers controlled by a positive-edge-triggered single clock input.

FEATURES
• Fast access time:
   – 4 ns-125 MHz; 5 ns-100 MHz;
      6 ns-83 MHz; 7 ns-75 MHz; 8 ns-66 MHz
• Internal self-timed write cycle
• Individual Byte Write Control and Global Write
• Clock controlled, registered address, data and control
• Pentium™ or linear burst sequence control using MODE input
• Three chip enables for simple depth expansion and address pipelining
• Common data inputs and data outputs
• Power-down control by ZZ input
• JEDEC 100-Pin TQFP and PQFP package
• 3.3V Vcc and 2.5V VCCQ for 2.5V I/Os
• Two Clock enables and one Clock disable to eliminate multiple bank bus contention.
• Control pins mode upon power-up:
   – MODE in interleave burst mode
   – ZZ in normal operation mode
      These control pins can be connected to GNDQ or VCCQ to alter their power-up state




Similar Part No. - IS61LV632A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6416-10 ICSI-IS61LV6416-10 Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10B ICSI-IS61LV6416-10B Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10BI ICSI-IS61LV6416-10BI Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results


Similar Description - IS61LV632A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C632A ICSI-IS61C632A Datasheet
486Kb / 16P
32K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
32K x 8 Bit Fast Static RAM
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
32K x 8 Bit Fast Static RAM
MCM6206C MOTOROLA-MCM6206C Datasheet
502Kb / 6P
32K x 8 Bit Fast Static RAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com