Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF25636A Datasheet (PDF) - Integrated Silicon Solution, Inc

IS61LF25636A Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS61LF25636A
Download  IS61LF25636A Download
File Size   206.94 Kbytes
Page   32 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM

IS61LF25636A Datasheet (PDF)

Go To PDF Page Download Datasheet
IS61LF25636A Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS61LF25636A
Download  IS61LF25636A Click to download

File Size   206.94 Kbytes
Page   32 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM

IS61LF25636A Datasheet (HTML) - Integrated Silicon Solution, Inc


IS61LF25636A Product details

DESCRIPTION
The ISSI IS61LF/VF25636A,IS64LF25636AandIS61LF/VF51218A are high-speed, low-power synchronous static RAMs designed to provide burstable, high-performance memory for communication and networking applications.

FEATURES
•  Internal self-timed write cycle
•  Individual Byte Write Control and Global Write
•  Clock controlled, registered address, data and control
•  Burst sequence control using MODE input
•  Three chip enable option for simple depth expansion and address pipelining
•  Common data inputs and data outputs
•  Auto Power-down during deselect
•  Single cycle deselect
•  Snooze MODE for reduced-power standby
•  JTAG Boundary Scan for PBGA package
•  Power Supply
    LF: Vdd 3.3V + 5%, Vddq 3.3V/2.5V + 5%
    VF: Vdd 2.5V + 5%, Vddq 2.5V + 5%
•  JEDEC 100-Pin TQFP, 119-pin PBGA, and 165-pin PBGA packages
•  Lead-free available
•  Automotive temperature available




Similar Part No. - IS61LF25636A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results


Similar Description - IS61LF25636A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
logo
Integrated Silicon Solu...
IS61LF204836B ISSI-IS61LF204836B Datasheet
1Mb / 34P
2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com