Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNB43060T2 Datasheet (PDF) - ON Semiconductor

FNB43060T2 Datasheet PDF - ON Semiconductor
Part # FNB43060T2_V01
Download  FNB43060T2 Download

File Size   810.66 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Motion SPM 45 Series

FNB43060T2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FNB43060T2 Datasheet PDF - ON Semiconductor

Part # FNB43060T2_V01
Download  FNB43060T2 Click to download

File Size   810.66 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Motion SPM 45 Series

FNB43060T2 Datasheet (HTML) - ON Semiconductor


FNB43060T2 Product details

FNB43060T2 is an advanced Motion SPM 45 module providing
a fully−featured, high−performance inverter output stage for AC
Induction, BLDC, and PMSM motors. These modules integrate
optimized gate drive of the built−in IGBTs to minimize EMI
and losses, while also providing multiple on−module protection
features including under−voltage lockouts, over−current shutdown,
thermal monitoring of drive IC, and fault reporting. The built−in,
high−speed HVIC requires only a single supply voltage and translates
the incoming logic−level gate inputs to the high−voltage, high−current
drive signals required to properly drive the module’s internal IGBTs.
Separate negative IGBT terminals are available for each phase
to support the widest variety of control algorithms.

Features
• UL Certified No. E209204 (UL1557)
• 600 V − 30 A 3−Phase IGBT Inverter with Integral Gate Drivers
and Protection
• Low Thermal Resistance Using Ceramic Substrate
• Low−Loss, Short−Circuit Rated IGBTs
• Built−In Bootstrap Diodes and Dedicated Vs Pins Simplify
PCB Layout
• Built−In NTC Thermistor for Temperature Monitoring
• Separate Open−Emitter Pins from Low−Side IGBTs for
Three−Phase Current Sensing
• Single−Grounded Power Supply
• Isolation Rating: 2000 Vrms / min.

Applications
• Motion Control − Home Appliance / Industrial Motor

Integrated Power Functions
• 600 V − 30 A IGBT inverter for three−phase DC / AC power
conversion (please refer to Figure 2)

Integrated Drive, Protection and System Control Functions
• For Inverter High−side IGBTs: gate drive circuit, high−voltage
isolated high−speed level shifting control circuit Under−Voltage
Lock−Out Protection (UVLO)(Note: Available bootstrap circuit
example is given in Figure 14)
• For Inverter Low−side IGBTs: gate drive circuit, Short−Circuit
Protection (SCP) control supply circuit Under−Voltage Lock−Out
protection (UVLO)
• Fault Signaling: corresponding to UVLO (low−side supply) and SC
faults
• Input Interface: High−active interface, works with 3.3 / 5 V logic,
Schmitt trigger input




Similar Part No. - FNB43060T2_V01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNB43060T2 FAIRCHILD-FNB43060T2 Datasheet
1Mb / 15P
   Motion SPMR 45 Series
logo
ON Semiconductor
FNB43060T2 ONSEMI-FNB43060T2 Datasheet
900Kb / 17P
   Motion SPM 45 Series
Rev.1.1
More results


Similar Description - FNB43060T2_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FNC42060F ONSEMI-FNC42060F Datasheet
875Kb / 18P
   Motion SPM 45 Series
January 2014 Rev. C3
FND42060F2 ONSEMI-FND42060F2 Datasheet
651Kb / 15P
   Motion SPM 45 Series
September, 2019 ??Rev. 3
FNA41560T2 ONSEMI-FNA41560T2 Datasheet
810Kb / 17P
   Motion SPM 45 Series
April 2017 Rev.1.0
FNB40560 ONSEMI-FNB40560 Datasheet
942Kb / 16P
   Motion SPM 45 Series
September-2017, Rev. 3
FNC42060F2 ONSEMI-FNC42060F2 Datasheet
875Kb / 18P
   Motion SPM 45 Series
January 2014 Rev. C3
FNA40860 ONSEMI-FNA40860 Datasheet
829Kb / 17P
   Motion SPM 45 Series
January 2014 Rev. C
FNA40560 ONSEMI-FNA40560 Datasheet
828Kb / 17P
   Motion SPM 45 Series
January 2014 Rev. C3
FNA41060 ONSEMI-FNA41060 Datasheet
3Mb / 16P
   Motion SPM 45 Series
October 2017 Rev. 2
FNA41560T2 ONSEMI-FNA41560T2_V01 Datasheet
723Kb / 16P
   Motion SPM 45 Series
October, 2021 - Rev. 2
NFA41560R42 ONSEMI-NFA41560R42 Datasheet
441Kb / 16P
   Motion SPM 45 Series
September, 2021 ??Rev. 0
NFA42060R42 ONSEMI-NFA42060R42 Datasheet
440Kb / 16P
   Motion SPM 45 Series
September, 2021 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com