Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNB33060T Datasheet (PDF) - ON Semiconductor

FNB33060T Datasheet PDF - ON Semiconductor
Part # FNB33060T_V01
Download  FNB33060T Download
File Size   783.21 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Motion SPM 3 Series

FNB33060T Datasheet (PDF)

Go To PDF Page Download Datasheet
FNB33060T Datasheet PDF - ON Semiconductor

Part # FNB33060T_V01
Download  FNB33060T Click to download

File Size   783.21 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Motion SPM 3 Series

FNB33060T Datasheet (HTML) - ON Semiconductor


FNB33060T Product details

FNB33060T is an advanced Motion SPM 3 module providing
a fully−featured, high−performance inverter output stage for AC
Induction, BLDC, and PMSM motors. These modules integrate
optimized gate drive of the built−in IGBTs to minimize EMI
and losses, while also providing multiple on−module protection
features including under−voltage lockouts, over−current shutdown,
thermal monitoring of drive IC, and fault reporting. The built−in,
high−speed HVIC requires only a single supply voltage and translates
the incoming logic−level gate inputs to the high−voltage, high−current
drive signals required to properly drive the module’s internal IGBTs.
Separate negative IGBT terminals are available for each phase
to support the widest variety of control algorithms.

Features
• 600 V − 30 A 3−Phase IGBT Inverter with Integral Gate Drivers
and Protection
• Low−Loss, Short−Circuit Rated IGBTs
• Very Low Thermal Resistance Using Al2O3 DBC Substrate
• Built−In Bootstrap Diodes and Dedicated Vs Pins Simplify
PCB Layout
• Separate Open−Emitter Pins from Low−Side IGBTs for
Three−Phase Current Sensing
• Single−Grounded Power Supply
• LVIC Temperature−Sensing Built−In for Temperature
Monitoring
• Isolation Rating: 2500 Vrms / min
• This Device is Pb−Free and Halide Free

Applications
• Motion Control − Home Appliance / Industrial Motor

Integrated Power Functions
• 600 V − 30 A IGBT Inverter for Three−phase DC / AC Power
Conversion (Please refer to Figure 2)

Integrated Drive, Protection and System Control Functions
• For Inverter High−side IGBTs: gate drive circuit, high−voltage
isolated high−speed level shifting control circuit Under−Voltage
Lock−Out Protection (UVLO)
(Note: Available bootstrap circuit example is given in Figures 5
and 15)
• For Inverter Low−side IGBTs: gate drive circuit, Short−Circuit
Protection (SCP) control supply circuit Under−Voltage Lock−Out
protection (UVLO)
• Fault Signaling: corresponding to UVLO (low−side supply) and SC
faults
• Input Interface: Active−HIGH interface, works with 3.3 / 5 V logic,
Schmitt−trigger input




Similar Part No. - FNB33060T_V01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNB33060T FAIRCHILD-FNB33060T Datasheet
1Mb / 15P
Motion SPMR 3 Series
logo
ON Semiconductor
FNB33060T ONSEMI-FNB33060T Datasheet
871Kb / 17P
Motion SPM 3 Series
March 2016 Rev. 1.1
More results


Similar Description - FNB33060T_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSBB20CH60D ONSEMI-FSBB20CH60D Datasheet
758Kb / 17P
Motion SPM 3 Series
August 2015 Rev. 1.0
FSBB30CH60CT ONSEMI-FSBB30CH60CT Datasheet
784Kb / 17P
Motion SPM 3 Series
January 2014 Rev. C3
FNB34060T6 ONSEMI-FNB34060T6_V01 Datasheet
731Kb / 16P
Motion SPM 3 Series
April, 2019 - Rev. 2
FSBB15CH60C ONSEMI-FSBB15CH60C Datasheet
654Kb / 16P
Motion SPM 3 Series
February 2016 Rev. 1.6
FSBB15CH60D ONSEMI-FSBB15CH60D Datasheet
757Kb / 17P
Motion SPM 3 Series
August 2015 Rev. 1.0
FSBB10CH120DF ONSEMI-FSBB10CH120DF Datasheet
528Kb / 16P
Motion SPM 3 Series
June 2015 Rev. 1.1
FNB34060T6 ONSEMI-FNB34060T6 Datasheet
728Kb / 16P
Motion SPM 3 Series
April, 2019 ??Rev. 2
FSBB20CH60CT ONSEMI-FSBB20CH60CT Datasheet
586Kb / 16P
Motion SPM 3 Series
January 2014 Rev. C3
FNB33060T ONSEMI-FNB33060T Datasheet
871Kb / 17P
Motion SPM 3 Series
March 2016 Rev. 1.1
FSBB10CH120D ONSEMI-FSBB10CH120D Datasheet
529Kb / 16P
Motion SPM 3 Series
Rev. 1.1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com