Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNA25060 Datasheet (PDF) - ON Semiconductor

FNA25060 Datasheet PDF - ON Semiconductor
Part # FNA25060
Download  FNA25060 Download

File Size   1619.25 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Motion SPM 2 Series, 600 V

FNA25060 Datasheet (PDF)

Go To PDF Page Download Datasheet
FNA25060 Datasheet PDF - ON Semiconductor

Part # FNA25060
Download  FNA25060 Click to download

File Size   1619.25 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Motion SPM 2 Series, 600 V

FNA25060 Datasheet (HTML) - ON Semiconductor


FNA25060 Product details

General Description
The FNA25060 is a Motion SPM 2 module providing
a fully−featured, high−performance inverter output stage for AC
induction, BLDC, and PMSM motors. These modules integrate
optimized gate drive of the built−in IGBTs to minimize EMI and
losses, while also providing multiple on−module protection features:
under−voltage lockouts, over−current shutdown, temperature sensing,
and fault reporting. The built−in, high−speed HVIC requires only
a single supply voltage and translates the incoming logic−level gate
inputs to high−voltage, high−current drive signals to properly drive the
module’s internal IGBTs. Separate negative IGBT terminals are
available for each phase to support the widest variety of control
algorithms.

Features
• UL Certified No. E209204 (UL1557)
• 600 V − 50 A 3−Phase IGBT Inverter, Including Control ICs for
Gate Drive and Protections
• Low−Loss, Short−Circuit−Rated IGBTs
• Very Low Thermal Resistance Using Al2O3 DBC Substrate
• Built−In Bootstrap Diodes and Dedicated Vs Pins Simplify PCB
Layout
• Separate Open−Emitter Pins from Low−Side IGBTs for Three−Phase
Current Sensing
• Single−Grounded Power Supply Supported
• Built−In NTC Thermistor for Temperature Monitoring and
Management
• Adjustable Over−Current Protection via Integrated Sense−IGBTs
• Isolation Rating of 2500 Vrms / 1 min.
• This Device is Pb−Free, Halogen Free/BFR Free and is RoHS
Compliant

Applications
• Motion Control − Industrial Motor (AC 200 V Class)




Similar Part No. - FNA25060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNA25060 FAIRCHILD-FNA25060 Datasheet
1Mb / 15P
   600 V Motion SPMR 2 Series
logo
ON Semiconductor
FNA25060 ONSEMI-FNA25060 Datasheet
1Mb / 17P
   600 V Motion SPM 2 Series
April 2015 Rev. 1.0
More results


Similar Description - FNA25060

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FNA23060 ONSEMI-FNA23060 Datasheet
1Mb / 17P
   600 V Motion SPM 2 Series
August 2015 Rev. 1.0
FNA27560 ONSEMI-FNA27560 Datasheet
832Kb / 17P
   600 V Motion SPM 2 Series
March 2016 Rev. 1.0
FNA25060 ONSEMI-FNA25060 Datasheet
1Mb / 17P
   600 V Motion SPM 2 Series
April 2015 Rev. 1.0
FNA25012A ONSEMI-FNA25012A Datasheet
593Kb / 15P
   1200 V Motion SPM 2Series
October, 2018 ??Rev. 3
FNA21012A ONSEMI-FNA21012A Datasheet
1Mb / 17P
   1200 V Motion SPM 2 Series
February 2014 Rev. C0
FNA22512A ONSEMI-FNA22512A Datasheet
1Mb / 17P
   1200 V Motion SPM 2 Series
October 2014 Rev. C0
logo
Fairchild Semiconductor
FNA23060 FAIRCHILD-FNA23060 Datasheet
1Mb / 15P
   600 V Motion SPMr 2 Series
FNA25060 FAIRCHILD-FNA25060 Datasheet
1Mb / 15P
   600 V Motion SPMR 2 Series
AN-9075 FAIRCHILD-AN-9075 Datasheet
3Mb / 32P
   Smart Power Module, Motion 1200 V SPM 2 Series
logo
ON Semiconductor
FSB50450B ONSEMI-FSB50450B Datasheet
891Kb / 13P
   Motion SPM
February 2017 Rev. 1.2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com