Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNA23512A Datasheet (PDF) - ON Semiconductor

FNA23512A Datasheet PDF - ON Semiconductor
Part # FNA23512A
Download  FNA23512A Download

File Size   1386.67 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1200V Motion SPM 2Series

FNA23512A Datasheet (PDF)

Go To PDF Page Download Datasheet
FNA23512A Datasheet PDF - ON Semiconductor

Part # FNA23512A
Download  FNA23512A Click to download

File Size   1386.67 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1200V Motion SPM 2Series

FNA23512A Datasheet (HTML) - ON Semiconductor


FNA23512A Product details

Description
The FNA23512A is a Motion SPM 2 module providing
a fully−featured, high−performance inverter output stage for AC
induction, BLDC, and PMSM motors. These modules integrate
optimized gate drive of the built−in IGBTs to minimize EMI and
losses, while also providing multiple on−module protection features:
under−voltage lockouts, over−current shutdown, temperature sensing,
and fault reporting. The built−in, high−speed HVIC requires only
a single supply voltage and translates the incoming logic− level gate
inputs to high−voltage, high−current drive signals to properly drive the
module’s internal IGBTs. Separate negative IGBT terminals are
available for each phase to support the widest variety of control
algorithms.

Features
• UL Certified No. E209204 (UL1557)
• 1200 V − 35 A 3−Phase IGBT Inverter, Including Control ICs for
Gate Drive and Protections
• Low−Loss, Short−Circuit−Rated IGBTs
• Very Low Thermal Resistance Using Al2O3 DBC Substrate
• Built−In Bootstrap Diodes and Dedicated Vs Pins Simplify PCB
Layout
• Separate Open−Emitter Pins from Low−Side IGBTs for Three−Phase
Current Sensing
• Single−Grounded Power Supply Supported
• Built−In NTC Thermistor for Temperature Monitoring and
Management
• Adjustable Over−Current Protection via Integrated Sense−IGBTs
• Isolation Rating of 2500 Vrms / 1 min.
• These Device is Halide Free and is RoHS Compliant

Applications
• Motion Control − Industrial Motor (AC 400 V Class)




Similar Part No. - FNA23512A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNA23512A FAIRCHILD-FNA23512A Datasheet
3Mb / 32P
Smart Power Module, Motion 1200 V SPM 2 Series
logo
ON Semiconductor
FNA23512A ONSEMI-FNA23512A Datasheet
945Kb / 14P
1200 V Motion SPM짰 2 Series
October-2017,Rev.3
More results


Similar Description - FNA23512A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSB50450B ONSEMI-FSB50450B Datasheet
891Kb / 13P
Motion SPM
February 2017 Rev. 1.2
FNB80460T3 ONSEMI-FNB80460T3 Datasheet
883Kb / 17P
Motion SPM
April 2017 Rev. 1.0
FSBB20CH120DF ONSEMI-FSBB20CH120DF Datasheet
653Kb / 16P
Motion SPM
February 2017 Rev. 1.0
FNB34060T ONSEMI-FNB34060T Datasheet
1Mb / 17P
Motion SPM
Dec. 2016 Rev. 1.0
FSBB15CH120D ONSEMI-FSBB15CH120D Datasheet
653Kb / 16P
Motion SPM
January 2017 Rev. 1.0
FSBB20CH120D ONSEMI-FSBB20CH120D Datasheet
653Kb / 16P
Motion SPM
January 2017 Rev. 1.0
FSBB15CH120DF ONSEMI-FSBB15CH120DF Datasheet
653Kb / 16P
Motion SPM
February 2017 Rev. 1.0
FNB35060T ONSEMI-FNB35060T Datasheet
1Mb / 17P
Motion SPM
Dec. 2016 Rev. 1.0
FSB50550B ONSEMI-FSB50550B Datasheet
891Kb / 13P
Motion SPM
Rev. 1.2
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
Motion SPM 5 Series
January 2014 Rev. C4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com