Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMS81C1404 Datasheet (PDF) - List of Unclassifed Manufacturers

GMS81C1404 Datasheet PDF - List of Unclassifed Manufacturers
Part # GMS81C1404
Download  GMS81C1404 Download
File Size   1258.93 Kbytes
Page   98 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS81C1404 Datasheet (PDF)

Go To PDF Page Download Datasheet
GMS81C1404 Datasheet PDF - List of Unclassifed Manufacturers

Part # GMS81C1404
Download  GMS81C1404 Click to download

File Size   1258.93 Kbytes
Page   98 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS81C1404 Datasheet (HTML) - List of Unclassifed Manufacturers


GMS81C1404 Product details

[Magnachip]

Description
The GMS81C1404 and GMS81C1408 are an advanced CMOS 8-bit microcontroller with 4K/8K bytes of ROM. The MagnaChip semiconductor’s GMS81C1404 and GMS81C1408 are a powerful microcontroller which provides a highly flexible and cost effective solution to many small applications such as controller for battery charger. The GMS81C1404 and GMS81C1408 provide the following standard features: 4K/8K bytesof ROM, 192 bytes of RAM, 8-bit timer/counter, 8-bit A/D converter, 10-bit high speed PWM output, programmable buzzer driving port, 8-bit serial communication port, on-chip oscillator and clock circuitry. In addition, the GMS81C1404 and GMS81C1408 supports power saving modes to reduce power consumption.

Features
• 4K/8K Bytes On-chip Program Memory
• 192 Bytes of On-chip Data RAM (Included stack memory)
• Instruction Cycle Time:
   - 250nS at 8MHz
• 23 Programmable I/O pins (LED direct driving can be source and sink)
• 2.2V to 5.5V Wide Operating Range
• One 8-bit A/D Converter
• One 8-bit Basic Interval Timer
• Four 8-bit Timer / Counters
• Two 10-bit High Speed PWM Outputs
• Watchdog timer (can be operate with internal RC-oscillation)
• One 8-bit Serial Peripheral Interface
• Twelve Interrupt sources
   - External input: 4
   - A/D Conversion: 1
   - Serial Peripheral Interface: 1
   - Timer: 6
• One Programmable Buzzer Driving port
   - 500Hz ~ 130kHz
• Oscillator Type
   - Crystal
   - Ceramic Resonator
• Noise Immunity Circuit
   - Power Fail Processor
• Power Down Mode
   - STOP mode
   - Wake-up Timer mode




Similar Part No. - GMS81C1404

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404D HYNIX-GMS81C1404D Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404ED HYNIX-GMS81C1404ED Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404ESK HYNIX-GMS81C1404ESK Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404SK HYNIX-GMS81C1404SK Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Similar Description - GMS81C1404

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com