Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-82U1A Datasheet (PDF) - ABLIC Inc.

S-82U1A Datasheet PDF - ABLIC Inc.
Part # S-82U1A
Download  S-82U1A Download
File Size   695.51 Kbytes
Page   41 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK

S-82U1A Datasheet (PDF)

Go To PDF Page Download Datasheet
S-82U1A Datasheet PDF - ABLIC Inc.

Part # S-82U1A
Download  S-82U1A Click to download

File Size   695.51 Kbytes
Page   41 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK

S-82U1A Datasheet (HTML) - ABLIC Inc.


S-82U1A Product details

Features
• High-accuracy voltage detection circuit
Overcharge detection voltage 3.500 V to 4.800 V (5 mV step) Accuracy ±12 mV
Overcharge release voltage 3.100 V to 4.800 V*1 Accuracy ±50 mV
Alarm detection voltage 3.500 V to 4.800 V (5 mV step) Accuracy ±12 mV
Alarm hysteresis voltage 0 V, 0.010 V, 0.020 V Accuracy ±5 mV
Overdischarge detection voltage 2.000 V to 3.000 V (10 mV step) Accuracy ±50 mV
Overdischarge release voltage 2.000 V to 3.400 V*2 Accuracy ±75 mV
Discharge overcurrent 1 detection voltage 3 mV to 100 mV (0.5 mV step) Accuracy ±1 mV
Discharge overcurrent 2 detection voltage 10 mV to 100 mV (1 mV step) Accuracy ±2 mV
Load short-circuiting detection voltage 20 mV to 100 mV (1 mV step) Accuracy ±4.5 mV
Charge overcurrent detection voltage −100 mV to −3 mV (0.5 mV step) Accuracy ±1 mV
• Detection delay times are generated only by an internal circuit (external capacitors are unnecessary).
• Discharge overcurrent control function
Release condition of discharge overcurrent status: Load disconnection
Release voltage of discharge overcurrent status: Discharge overcurrent release voltage (VRIOV) = VDD × 0.8 (typ.)
• 0 V battery charge: Enabled, inhibited
• Power-down function: Available, unavailable
• Alarm function
AO pin output logic: Active "H", active "L"
AO pin output form: CMOS output, Nch open-drain output
Connection when AO pin = "L": VSS pin, VM pin
Charge control function: Available, unavailable
• High-withstand voltage: VM pin, CO pin and AO pin: Absolute maximum rating 28 V
• Wide operation temperature range: Ta = −40°C to +85°C
• Low current consumption
During operation: 2.5 μA typ., 5.0 μA max. (Ta = +25°C)
During power-down: 50 nA max. (Ta = +25°C)
During overdischarge: 0.5 μA max. (Ta = +25°C)
• Lead-free (Sn 100%), halogen-free

Applications
• Lithium-ion rechargeable battery pack
• Lithium polymer rechargeable battery pack




Similar Part No. - S-82U1A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-8200 COOPER-S-8200 Datasheet
129Kb / 2P
1/4 x 11/4 Fuse Blocks
S-8200 COOPER-S-8200 Datasheet
69Kb / 2P
1/4x1-1/4 Fuseblocks
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
S-8000 Series
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
1/4" x 11/4" Fuse Blocks
logo
ABLIC Inc.
S-8200A ABLIC-S-8200A Datasheet
580Kb / 36P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.4.0_03
More results


Similar Description - S-82U1A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
BATTERY PROTECTION IC FOR 1-CELL PACK
S8250A SII-S8250A Datasheet
736Kb / 36P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
Protection IC for 1-Cell Battery Pack
logo
ABLIC Inc.
S-82B1B ABLIC-S-82B1B Datasheet
728Kb / 36P
BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.0_01
S-8250A ABLIC-S-8250A Datasheet
552Kb / 36P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.3_03
S-8230A ABLIC-S-8230A Datasheet
593Kb / 37P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
S-82N1B ABLIC-S-82N1B Datasheet
675Kb / 39P
BATTERY PROTECTION IC WITH POWER-SAVING FUNCTION FOR 1-CELL PACK
Rev.1.2_00
S-82L1A ABLIC-S-82L1A Datasheet
686Kb / 38P
BATTERY PROTECTION IC WITH ALARM FUNTION FOR 1-CELL PACK
Rev.1.3_00
S-82T1A ABLIC-S-82T1A Datasheet
692Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com