Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C1664 Datasheet (PDF) - Integrated Circuit Solution Inc

IC41C1664 Datasheet PDF - Integrated Circuit Solution Inc
Part # IC41C1664
Download  IC41C1664 Download

File Size   276.49 Kbytes
Page   21 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 64K x 16 bit Dynamic RAM with EDO Page Mode

IC41C1664 Datasheet (PDF)

Go To PDF Page Download Datasheet
IC41C1664 Datasheet PDF - Integrated Circuit Solution Inc

Part # IC41C1664
Download  IC41C1664 Click to download

File Size   276.49 Kbytes
Page   21 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 64K x 16 bit Dynamic RAM with EDO Page Mode

IC41C1664 Datasheet (HTML) - Integrated Circuit Solution Inc


IC41C1664 Product details

DESCRIPTION

TheICSI IC41C1664 and IC41LV1664 is a 65,536 x 16-bit high performance CMOS Dynamic Random Access Memories. The IC41C1664 offer an accelerated cycle access called EDO Page Mode. EDO Page Mode allows 256 random accesses within a single row with access cycle time as short as 10 ns per 16-bit word. The Byte Write control, of upper and lower byte, makes the IC41C1664 ideal for use in 16-, 32-bit wide data bus systems.

These features make the IC41C1664 and IC41LV1664 ideally suited for high-bandwidth graphics, digital signal processing, high-performance computing systems, and peripheral applications.

The IC41C1664 is packaged in a 40-pin 400mil SOJ and 400mil TSOP-2.



FEATURES

• Extended Data-Out (EDO) Page Mode access cycle

• TTL compatible inputs and outputs; tristate I/O

• Refresh Interval: 256 cycles /4 ms

• Refresh Mode: RAS-Only, CAS-before-RAS (CBR), Hidden

• Single power supply:

   5V ± 10% (IC41C1664)

   3.3V ± 10% (IC41LV1664)

• Byte Write and Byte Read operation via two CAS

• Industrail Temperature Range -40°C to 85°C



 




Similar Part No. - IC41C1664

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C1665 ICSI-IC41C1665 Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41C1665-25K ICSI-IC41C1665-25K Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41C1665-25KI ICSI-IC41C1665-25KI Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41C1665-25T ICSI-IC41C1665-25T Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41C1665-25TI ICSI-IC41C1665-25TI Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
More results


Similar Description - IC41C1664

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Samsung semiconductor
KM4164B SAMSUNG-KM4164B Datasheet
653Kb / 11P
   64K X 1 BIT DYNAMIC RAM WITH PAGE MODE
KM41464A SAMSUNG-KM41464A Datasheet
775Kb / 12P
   64K X 4 BIT DYNAMIC RAM WITH PAGE MODE
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com