Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEMD6200FX01 Datasheet (PDF) - Vishay Siliconix

TEMD6200FX01 Datasheet PDF - Vishay Siliconix
Part # TEMD6200FX01_V02
Download  TEMD6200FX01 Download

File Size   144.79 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ambient Light Sensor

TEMD6200FX01 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEMD6200FX01 Datasheet PDF - Vishay Siliconix

Part # TEMD6200FX01_V02
Download  TEMD6200FX01 Click to download

File Size   144.79 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ambient Light Sensor

TEMD6200FX01 Datasheet (HTML) - Vishay Siliconix

TEMD6200FX01_V02 Datasheet HTML 1Page - Vishay Siliconix TEMD6200FX01_V02 Datasheet HTML 2Page - Vishay Siliconix TEMD6200FX01_V02 Datasheet HTML 3Page - Vishay Siliconix TEMD6200FX01_V02 Datasheet HTML 4Page - Vishay Siliconix TEMD6200FX01_V02 Datasheet HTML 5Page - Vishay Siliconix TEMD6200FX01_V02 Datasheet HTML 6Page - Vishay Siliconix

TEMD6200FX01 Product details

DESCRIPTION
TEMD6200FX01 is a high speed and high sensitive PIN
photodiode in a miniature flat plastic package. It is spectral
sensitivity is closely matched to the human eye.

FEATURES
• Package type: Surface mount
• Package form: 0805
• Dimensions (L x W x H in mm): 2 x 1.25 x 0.85
• Radiant sensitive area (in mm2): 0.27
• AEC-Q101 qualified
• High photo sensitivity
• Adapted to human eye responsivity
• Angle of half sensitivity: ϕ = ± 60°
• Floor life: 168 h, MSL 3, acc. J-STD-020
• Material categorization: For definitions of
compliance please see www.vishay.com/doc?99912




Similar Part No. - TEMD6200FX01_V02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V01 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2022
More results


Similar Description - TEMD6200FX01_V02

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com