Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4221 Datasheet (PDF) - Cypress Semiconductor

CY7C4221 Datasheet PDF - Cypress Semiconductor
Part # CY7C4221
Download  CY7C4221 Download

File Size   411.34 Kbytes
Page   18 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs

CY7C4221 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C4221 Datasheet PDF - Cypress Semiconductor

Part # CY7C4221
Download  CY7C4221 Click to download

File Size   411.34 Kbytes
Page   18 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs

CY7C4221 Datasheet (HTML) - Cypress Semiconductor

Back Button CY7C4221 Datasheet HTML 1Page - Cypress Semiconductor CY7C4221 Datasheet HTML 2Page - Cypress Semiconductor CY7C4221 Datasheet HTML 3Page - Cypress Semiconductor CY7C4221 Datasheet HTML 4Page - Cypress Semiconductor CY7C4221 Datasheet HTML 5Page - Cypress Semiconductor CY7C4221 Datasheet HTML 6Page - Cypress Semiconductor CY7C4221 Datasheet HTML 7Page - Cypress Semiconductor CY7C4221 Datasheet HTML 8Page - Cypress Semiconductor CY7C4221 Datasheet HTML 9Page - Cypress Semiconductor CY7C4221 Datasheet HTML 10Page - Cypress Semiconductor Next Button 

CY7C4221 Product details

Functional Description
The CY7C42X1 are high speed, low power FIFO memories with clocked read and write interfaces. All are 9 bits wide. The CY7C42X1 are pin-compatible to IDT722X1. Programmable features include Almost Full/Almost Empty flags. These FIFOs provide solutions for a wide variety of data buffering needs, including high speed data acquisition, multiprocessor interfaces, and communications buffering.

Features
■ High speed, low power, First-In First-Out (FIFO) memories
   ❐ 64 × 9 (CY7C4421)
   ❐ 256 × 9 (CY7C4201)
   ❐ 512 × 9 (CY7C4211)
   ❐ 1K × 9 (CY7C4221)
   ❐ 2K × 9 (CY7C4231)
   ❐ 4K × 9 (CY7C4241)
   ❐ 8K × 9 (CY7C4251)
■ High speed 100 MHz operation (10 ns read/write cycle time)
■ Low power (ICC = 35 mA)
■ Fully asynchronous and simultaneous read and write operation
■ Empty, Full, and Programmable Almost Empty and Almost Full
   status flags
■ TTL-compatible
■ Expandable in width
■ Output Enable (OE) pin
■ Independent read and write enable pins
■ Center power and ground pins for reduced noise
■ Width-expansion capability
■ Space saving 7 mm × 7 mm 32-pin TQFP
■ Pin-compatible and functionally equivalent to IDT72421,
   72201, 72211, 72221, 72231, and 72241
■ Pb-free Packages Available




Similar Part No. - CY7C4221

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4221 CYPRESS-CY7C4221 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4221-10AC CYPRESS-CY7C4221-10AC Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4221-10JC CYPRESS-CY7C4221-10JC Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4221-15AC CYPRESS-CY7C4221-15AC Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4221-15AXC CYPRESS-CY7C4221-15AXC Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results


Similar Description - CY7C4221

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com