Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1345B Datasheet (PDF) - Cypress Semiconductor

CY7C1345B Datasheet PDF - Cypress Semiconductor
Part # CY7C1345B
Download  CY7C1345B Download

File Size   346.48 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128K x 36 Synchronous Flow-Through 3.3V Cache RAM

CY7C1345B Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1345B Datasheet PDF - Cypress Semiconductor

Part # CY7C1345B
Download  CY7C1345B Click to download

File Size   346.48 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128K x 36 Synchronous Flow-Through 3.3V Cache RAM

CY7C1345B Datasheet (HTML) - Cypress Semiconductor


CY7C1345B Product details

Functional Description
The CY7C1345B is a 3.3V, 128K by 36 synchronous cache RAM designed to interface with high-speed microprocessors with minimum glue logic. Maximum access delay from clock rise is 7.5 ns (117-MHz version). A 2-bit on-chip counter captures the first address in a burst and increments the address automatically for the rest of the burst access.
   
Features
• Supports 117-MHz microprocessor cache systems with
    zero wait states
• 128K by 36 common I/O
• Fast clock-to-output times
    — 7.5 ns (117-MHz version)
• Two-bit wrap-around counter supporting either
    interleaved or linear burst sequence
• Separate processor and controller address strobes
    provide direct interface with the processor and external
    cache controller
• Synchronous self-timed write
• Asynchronous output enable
• Supports 3.3V & 2.5V I/O levels
• ZZ “sleep” mode
   




Similar Part No. - CY7C1345B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C13451G CYPRESS-CY7C13451G Datasheet
746Kb / 23P
   4-Mbit (128K 횞 36) Flow-Through Sync SRAM
CY7C13451G-100BZXE CYPRESS-CY7C13451G-100BZXE Datasheet
746Kb / 23P
   4-Mbit (128K 횞 36) Flow-Through Sync SRAM
CY7C1345F CYPRESS-CY7C1345F Datasheet
421Kb / 17P
   4-Mb (128K x 36) Flow-Through Sync SRAM
CY7C1345F-100AC CYPRESS-CY7C1345F-100AC Datasheet
421Kb / 17P
   4-Mb (128K x 36) Flow-Through Sync SRAM
CY7C1345F-100AI CYPRESS-CY7C1345F-100AI Datasheet
421Kb / 17P
   4-Mb (128K x 36) Flow-Through Sync SRAM
More results


Similar Description - CY7C1345B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1338B CYPRESS-CY7C1338B Datasheet
600Kb / 18P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1338 CYPRESS-CY7C1338 Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1347B CYPRESS-CY7C1347B Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
logo
Motorola, Inc
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
logo
Alliance Semiconductor ...
AS7C33128FT18B ALSC-AS7C33128FT18B Datasheet
399Kb / 19P
   3.3V 128K x 18 Flow Through Synchronous SRAM
logo
Cypress Semiconductor
CY7C1339B CYPRESS-CY7C1339B Datasheet
529Kb / 17P
   128K x 32 Synchronous Pipelined Cache RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com