Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3B0365J Datasheet (PDF) - Infineon Technologies AG

ICE3B0365J Datasheet PDF - Infineon Technologies AG
Part # ICE3B0365J
Download  ICE3B0365J Download

File Size   487.57 Kbytes
Page   26 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?

ICE3B0365J Datasheet (PDF)

Go To PDF Page Download Datasheet
ICE3B0365J Datasheet PDF - Infineon Technologies AG

Part # ICE3B0365J
Download  ICE3B0365J Click to download

File Size   487.57 Kbytes
Page   26 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?

ICE3B0365J Datasheet (HTML) - Infineon Technologies AG

Back Button ICE3B0365J Datasheet HTML 1Page - Infineon Technologies AG ICE3B0365J Datasheet HTML 2Page - Infineon Technologies AG ICE3B0365J Datasheet HTML 3Page - Infineon Technologies AG ICE3B0365J Datasheet HTML 4Page - Infineon Technologies AG ICE3B0365J Datasheet HTML 5Page - Infineon Technologies AG ICE3B0365J Datasheet HTML 6Page - Infineon Technologies AG ICE3B0365J Datasheet HTML 7Page - Infineon Technologies AG ICE3B0365J Datasheet HTML 8Page - Infineon Technologies AG ICE3B0365J Datasheet HTML 9Page - Infineon Technologies AG ICE3B0365J Datasheet HTML 10Page - Infineon Technologies AG Next Button 

ICE3B0365J Product details

Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS ® and Startup cell (frequency jitter Mode) in DIP-8

Product Highlights
• Active Burst Mode to reach the lowest Standby Power Requirements < 100mW
• Adjustable Blanking Window for High Load Jumps to increase Reliability
• Frequency Jittering for Low EMI
• Pb-free lead plating, RoHS compilant

Description
The CoolSET®-F3(Jitter version) meets the requirements for Off-Line Battery Adapters and low cost SMPS for the lower power range. By use of a BiCMOS technology a wide VCC range up to 26V is provided. This covers the changes in the auxiliary supply voltage if a CV/CC regulation is implemented on the secondary side. Furthermore an Active Burst Mode is integrated to fullfill the lowest Standby Power Requirements <100mW at no load and Vin = 270VAC. As during Active Burst Mode the controller is always active there is an immediate response on load jumps possible without any black out in the SMPS. In Active Burst Mode the ripple of the output voltage can be reduced <1%. Furthermore Auto Restart Mode is entered in case of Overtemperature, VCC Overvoltage, Output Open loop or Overload and VCC Undervoltage. By means of the internal precise peak current limitation, the dimension of the transformer and the secondary diode can be lowered which leads to more cost efficiency.

Features
• 650V Avalanche Rugged CoolMOS® with built in switchable Startup Cell
• Active Burst Mode for lowest Standby Power @ light load controlled by Feedback Signal
• Fast Load Jump Response in Active Burst Mode
• 67 kHz fixed Switching Frequency
• Auto Restart Mode for Over temperature Detection
• Auto Restart Mode for Overvoltage Detection
• Auto Restart Mode for Overload and Open Loop
• Auto Restart Mode for VCC Undervoltage
• User defined Soft Start
• Minimum of external Components required
• Max Duty Cycle 75%
• Overall Tolerance of Current Limiting < ±5%
• Internal Leading Edge Blanking
• BiCMOS technology provides wide VCC Range
• Frequency Jittering for Low EMI




Similar Part No. - ICE3B0365J

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365J INFINEON-ICE3B0365J Datasheet
988Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.6, 4 Jul 2011
ICE3B0365J INFINEON-ICE3B0365J Datasheet
938Kb / 28P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V
Version 2.9, 25 Mar 2013
ICE3B0365J INFINEON-ICE3B0365J Datasheet
1Mb / 34P
   Infineon Solution for LED TV SMPS
11.07.2008 version 1.0
ICE3B0365J INFINEON-ICE3B0365J Datasheet
938Kb / 28P
   CoolSET짰-F3 (Ji tter Version) Off-Line SMPS Cur rent Mode Controller with integrated 650V CoolMOS짰 and Startup cel l (frequency j itter Mode) in DIP-8
Version 2.9 2013-03-25
ICE3B0365J-T INFINEON-ICE3B0365J-T Datasheet
797Kb / 25P
   nullOff-Line SMPS Cur rent Mode Controller with integrated 650V CoolMOS® and Startup cel l (frequency j itter Mode) in DIP-8
Version 2.0, 20 Mar 2013
More results


Similar Description - ICE3B0365J

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365JG INFINEON-ICE3B0365JG Datasheet
487Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006
ICE3A1065 INFINEON-ICE3A1065 Datasheet
818Kb / 32P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/ Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3B0365L INFINEON-ICE3B0365L Datasheet
509Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS??and Latched off Mode
Version 2.0, 8 May 2006
ICE3A0365 INFINEON-ICE3A0365_13 Datasheet
818Kb / 32P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V Startup Cell /Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE2QR0665 INFINEON-ICE2QR0665 Datasheet
918Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.1, Oct 13, 2009
ICE2QR4765 INFINEON-ICE2QR4765 Datasheet
878Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.0, Dec 1, 2009
ICE2QR4765 INFINEON-ICE2QR4765_12 Datasheet
286Kb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.3, November 14, 2012
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com