Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2611011024020 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

2611011024020 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 2611011024020
Download  2611011024020 Download

File Size   786.16 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WIRL-COMB Setebos-I Combined Proprietary 2.4GHz & BTLE module T&R

2611011024020 Datasheet (PDF)

Go To PDF Page Download Datasheet
2611011024020 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 2611011024020
Download  2611011024020 Click to download

File Size   786.16 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WIRL-COMB Setebos-I Combined Proprietary 2.4GHz & BTLE module T&R

2611011024020 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.




Similar Part No. - 2611011024020

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
2611011024000 WURTH-2611011024000 Datasheet
700Kb / 8P
   WIRL-BTLE Proteus-III Bluetooth 5.1 module T&R
002.000
2611011024010 WURTH-2611011024010 Datasheet
653Kb / 7P
   WIRL-BTLE Proteus-III-SPI Bluetooth 5.1 module T&R
002.000
More results


Similar Description - 2611011024020

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
2611011021000 WURTH-2611011021000 Datasheet
458Kb / 6P
   WIRL-PRO2 Thyone-I radio module 2.4GHz T&R
001.000
2611011021010 WURTH-2611011021010 Datasheet
633Kb / 7P
   WIRL-PRO2 Thetis-I Wirepas?줞esh module 2.4GHz T&R
001.000
2609041191000 WURTH-2609041191000 Datasheet
429Kb / 6P
   WIRL-PRO9 Themisto-I Radio module 915MHz 25dBm T&R
002.000
2610011025000 WURTH-2610011025000 Datasheet
573Kb / 6P
   WIRL-WIFS Calypso WIFI module T&R
001.023
2613021137000 WURTH-2613021137000 Datasheet
615Kb / 7P
   WIRL-POSI Elara-II GPS-GLO GNSS module T&R
001.000
2614021137000 WURTH-2614021137000 Datasheet
636Kb / 7P
   WIRL-POSI Erinome-II GPS-GLOGAL- BDS GNSS module T&R
001.001
2608011124010 WURTH-2608011124010 Datasheet
456Kb / 6P
   WIRL-BTLE Bluetooth smart 5.0 Standard-RF Pad
001.022
2608011024010 WURTH-2608011024010 Datasheet
457Kb / 6P
   WIRL-BTLE Bluetooth smart 5.0 Standard - PCB Antenna
001.031
logo
AMETHERM Circuit Protec...
AS320R536 AMETHERM-AS320R536_12 Datasheet
244Kb / 3P
   I N R U S H C U R R E N T L I M I T E R S
logo
Wurth Elektronik GmbH &...
2609031181000 WURTH-2609031181000 Datasheet
429Kb / 6P
   WIRL-PRO8 Radio module 868MHz
004.000
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com