Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP3475SRHA4 Datasheet (PDF) - Toshiba Semiconductor

TLP3475SRHA4 Datasheet PDF - Toshiba Semiconductor
Part # TLP3475SRHA4
Download  TLP3475SRHA4 Download

File Size   544.31 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Photorelay

TLP3475SRHA4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3475SRHA4 Datasheet PDF - Toshiba Semiconductor

Part # TLP3475SRHA4
Download  TLP3475SRHA4 Click to download

File Size   544.31 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Photorelay

TLP3475SRHA4 Datasheet (HTML) - Toshiba Semiconductor

Back Button TLP3475SRHA4 Datasheet HTML 1Page - Toshiba Semiconductor TLP3475SRHA4 Datasheet HTML 2Page - Toshiba Semiconductor TLP3475SRHA4 Datasheet HTML 3Page - Toshiba Semiconductor TLP3475SRHA4 Datasheet HTML 4Page - Toshiba Semiconductor TLP3475SRHA4 Datasheet HTML 5Page - Toshiba Semiconductor TLP3475SRHA4 Datasheet HTML 6Page - Toshiba Semiconductor TLP3475SRHA4 Datasheet HTML 7Page - Toshiba Semiconductor TLP3475SRHA4 Datasheet HTML 8Page - Toshiba Semiconductor TLP3475SRHA4 Datasheet HTML 9Page - Toshiba Semiconductor TLP3475SRHA4 Datasheet HTML 10Page - Toshiba Semiconductor Next Button 

TLP3475SRHA4 Product details

Applications
• Probe Cards
• ATE (Automatic Test Equipment)
• Measuring Instruments
• High-Speed Logic IC Testers
• High-Speed Memory Testers

General
The TOSHIBA TLP3475SRHA4 photorelay consists of a photo MOSFET optically coupled to an infrared LED. It
is housed in a S-VSON16T package and it provides guaranteed performance operating temperature up to 125 .
It has a Built-in input resistor, which eliminates an external input resistor for space saving.
TLP3475SRHA4 features a very small on-resistance and make sure switching high-frequency signal by quick
tON/tOFF. It has 4 channels in 1 pakage, making it ideal for switching applications in high-speed testers.

Features
(1) S-VSON16T: 2.0 (L) mm × 6.25 (W) mm × 1.3 (H) mm
(2) Operating temperature: -40 to 125
(3) Normally opened (1-Form-A)
(4) OFF-state output terminal voltage: 60 V (min)
(5) Operating voltage: 3 V (max)
(6) ON-state current: 250 mA (max)
(7) ON-state resistance: 1 Ω (typ.), 1.5 Ω (max)
(8) Isolation voltage: 300 Vrms (min)
(9) Halogen-free
For details, see "Devices in Halogen-Free Resin Packages" at the end of this datasheet.




Similar Part No. - TLP3475SRHA4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3475SRHA TOSHIBA-TLP3475SRHA Datasheet
326Kb / 11P
   Photocouplers Photorelay
2021-07-16 Rev.2.0
More results


Similar Description - TLP3475SRHA4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
   Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
   Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP3420 TOSHIBA-TLP3420 Datasheet
301Kb / 10P
   Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP172GM TOSHIBA-TLP172GM Datasheet
303Kb / 11P
   Photocouplers Photorelay
2021-05-28 Rev.10.0
TLP3109A TOSHIBA-TLP3109A Datasheet
314Kb / 10P
   Photocouplers Photorelay
2022-04-12 Rev.3.0
TLP3146 TOSHIBA-TLP3146 Datasheet
322Kb / 8P
   Photocouplers Photorelay
2018-06-28 Rev.1.0
TLP3419 TOSHIBA-TLP3419 Datasheet
300Kb / 10P
   Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3451 TOSHIBA-TLP3451 Datasheet
295Kb / 10P
   Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3407SRA4 TOSHIBA-TLP3407SRA4 Datasheet
545Kb / 12P
   Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
   Photocouplers Photorelay
2019-10-11 Rev.4.0
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com