Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-000069-PKG003 Datasheet (PDF) - Tyco Electronics

MAAP-000069-PKG003 Datasheet PDF - Tyco Electronics
Part # MAAP-000069-PKG003
Download  MAAP-000069-PKG003 Download

File Size   207.85 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 2W 7.1-11.7 GHz

MAAP-000069-PKG003 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAP-000069-PKG003 Datasheet PDF - Tyco Electronics

Part # MAAP-000069-PKG003
Download  MAAP-000069-PKG003 Click to download

File Size   207.85 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 2W 7.1-11.7 GHz

MAAP-000069-PKG003 Datasheet (HTML) - Tyco Electronics

MAAP-000069-PKG003 Datasheet HTML 1Page - Tyco Electronics MAAP-000069-PKG003 Datasheet HTML 2Page - Tyco Electronics MAAP-000069-PKG003 Datasheet HTML 3Page - Tyco Electronics MAAP-000069-PKG003 Datasheet HTML 4Page - Tyco Electronics

MAAP-000069-PKG003 Product details

Description
The MAAP-000069-PKG0003 is a 4-stage 2 W power amplifier with on-chip bias networks in a 20 lead MLP package, allowing easy assembly. This product is fully matched to 50 ohms on both the input and output. It can be used as a power amplifier stage or as a driver stage in high power applications.
Each device is 100% RF tested to ensure performance compliance. The part is fabricated using M/A-COM’s GaAs Multifunction Self-Aligned Gate (MSAG) Process.
M/A-COM’s MSAG™ process features robust silicon-like manufacturing processes, planar processing of ion implanted transistors and multiple implant capability enabling power, low-noise, switch and digital FETs on a single chip. The use of refractory metals and the absence of platinum in the gate metal formulation prevents hydrogen poisoning when employed in hermetic packaging.

Features
♦ 2 Watt Saturated Output Power Level
♦ Variable Drain Voltage (6-10V) Operation
♦ MSAG™ Process

Primary Applications
♦ Point-to-Point Radio
   ♦ 7, 8 and 11 GHz Bands




Similar Part No. - MAAP-000069-PKG003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
287Kb / 9P
   Amplifier, Power, 1.6W,7.7.11.7 GHz
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003_08 Datasheet
287Kb / 9P
   Amplifier, Power, 1.6W,7.7.11.7 GHz
More results


Similar Description - MAAP-000069-PKG003

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2760-SM QORVO-TGA2760-SM Datasheet
1Mb / 16P
   10 ??11.7 GHz Power Amplifier
B, May 2020
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
TGA2753-SM QORVO-TGA2753-SM Datasheet
908Kb / 15P
   5.9 ??7.1 GHz Power Amplifier
September 2020
logo
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM_15 Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
logo
Excelics Semiconductor,...
EIM7179-4 EXCELICS-EIM7179-4 Datasheet
143Kb / 3P
   7.1 - 7.9 GHz Multi-Stage Power Amplifier
EIM7185-4 EXCELICS-EIM7185-4 Datasheet
160Kb / 4P
   7.1 - 8.5 GHz Multi-Stage Power Amplifier
logo
Tyco Electronics
MAAP-000021-PKG003 MACOM-MAAP-000021-PKG003 Datasheet
428Kb / 9P
   Amplifier, Power, 2W 5.0-8.5 GHz
logo
TriQuint Semiconductor
TGA1141 TRIQUINT-TGA1141 Datasheet
518Kb / 6P
   33-36 GHz 2W Power Amplifier
TGA1141 TRIQUINT-TGA1141_15 Datasheet
230Kb / 9P
   33 36 GHz 2W Power Amplifier
TGA1141-EPU TRIQUINT-TGA1141-EPU Datasheet
168Kb / 9P
   33-36 GHz 2W Power Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com