![]() |
Electronic Components Datasheet Search |
|
845-049-559-102 Datasheet (PDF) - EDAC, All Rights Reserved. |
845-049-559-102 Datasheet (PDF) |
![]() |
Download Datasheet |
Part # | 845-049-559-102 |
Download | 845-049-559-102 Click to download |
File Size | 296.59 Kbytes |
Page | 4 Pages |
Manufacturer | EDAC [EDAC, All Rights Reserved.] |
Direct Link | https://edac.net/ |
Logo | |
Description | 845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing |
845-049-559-102 Datasheet (HTML) - EDAC, All Rights Reserved. |
845-049-559-102 Product details |
|
Similar Part No. - 845-049-559-102 |
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |