Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT138AFT Datasheet (PDF) - Toshiba Semiconductor

74VHCT138AFT Datasheet PDF - Toshiba Semiconductor
Part # 74VHCT138AFT
Download  74VHCT138AFT Download
File Size   186.93 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHCT138AFT Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT138AFT Datasheet PDF - Toshiba Semiconductor

Part # 74VHCT138AFT
Download  74VHCT138AFT Click to download

File Size   186.93 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHCT138AFT Datasheet (HTML) - Toshiba Semiconductor


74VHCT138AFT Product details

Functional Description
• 3-to-8 Line Decoder

General
The 74VHCT138AFT is an advanced high speed CMOS 3-to-8 LINE DECODER fabricated with silicon gate
C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while
maintaining the CMOS low power dissipation.
When the device is enabled, 3 Binary Select inputs (A, B and C) determine which one of the outputs (Y0 to Y7)
will go low.
When enable input G1 is held low or either G2A or G2B is held high, decoding function is inhibited and all outputs
go high. G1, G2A, and G2B inputs are provided to ease cascade connection and for use as an address decoder for
memory systems.
The input voltage are compatible with TTL output voltage.
This device may be used as a level converter for interfacing 3.3 V to 5 V system.
Input protection and output circuit ensure that 0 to 5.5 V can be applied to the input and output (Note) pins
without regard to the supply voltage. These structure prevents device destruction due to mismatched supply and
input/output voltages such as battery back up, hot board insertion, etc.
Note: VCC = 0 V

Features
(1) AEC-Q100 (Rev. H) (Note 1)
(2) Wide operating temperature range: Topr = -40 to 125 
(3) High speed: tpd = 7.6 ns (typ.) at VCC = 5.0 V
(4) Low power dissipation: ICC = 4.0 μA (max) at Ta = 25 
(5) Compatible with TTL inputs : VIL = 0.8 V (max)
: VIH = 2.0 V (min)
(6) Power down protection is provided on all inputs and outputs.
(7) Balanced propagation delays: tPLH ≈ tPHL
(8) Pin and function compatible with 74 series(AC/HC/AHC/LV etc.)138 type.




Similar Part No. - 74VHCT138AFT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT138A STMICROELECTRONICS-74VHCT138A Datasheet
64Kb / 8P
3 TO 8 LINE DECODER INVERTING
logo
Fairchild Semiconductor
74VHCT138A FAIRCHILD-74VHCT138A Datasheet
69Kb / 6P
3-to-8 Decoder/Demultiplexer
74VHCT138A FAIRCHILD-74VHCT138A Datasheet
354Kb / 9P
3-to-8 Decoder/Demultiplexer
logo
STMicroelectronics
74VHCT138A STMICROELECTRONICS-74VHCT138A Datasheet
304Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
logo
ON Semiconductor
74VHCT138A ONSEMI-74VHCT138A Datasheet
352Kb / 11P
3-to-8 Decoder/Demultiplexer
May 2007 Rev. 1.2
More results


Similar Description - 74VHCT138AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
TC7MPB9326FT TOSHIBA-TC7MPB9326FT_V01 Datasheet
353Kb / 16P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-06-22 Rev.5.0
TC7PZ04FU TOSHIBA-TC7PZ04FU Datasheet
163Kb / 9P
CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-05 Rev.3.0
TC7WZ86FU TOSHIBA-TC7WZ86FU Datasheet
154Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2020-02-04 Rev.4.0
74VHC4020FT TOSHIBA-74VHC4020FT Datasheet
194Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
74VHC574FT TOSHIBA-74VHC574FT Datasheet
178Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
74HC151D TOSHIBA-74HC151D Datasheet
216Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
74HC595D TOSHIBA-74HC595D Datasheet
271Kb / 17P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-12-27 Rev.4.0
74VHC4066AFT TOSHIBA-74VHC4066AFT Datasheet
214Kb / 13P
CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.3.0
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com