Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC4066AFT Datasheet (PDF) - Toshiba Semiconductor

74VHC4066AFT Datasheet PDF - Toshiba Semiconductor
Part # 74VHC4066AFT
Download  74VHC4066AFT Download

File Size   214.94 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC4066AFT Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC4066AFT Datasheet PDF - Toshiba Semiconductor

Part # 74VHC4066AFT
Download  74VHC4066AFT Click to download

File Size   214.94 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC4066AFT Datasheet (HTML) - Toshiba Semiconductor

Back Button 74VHC4066AFT Datasheet HTML 1Page - Toshiba Semiconductor 74VHC4066AFT Datasheet HTML 2Page - Toshiba Semiconductor 74VHC4066AFT Datasheet HTML 3Page - Toshiba Semiconductor 74VHC4066AFT Datasheet HTML 4Page - Toshiba Semiconductor 74VHC4066AFT Datasheet HTML 5Page - Toshiba Semiconductor 74VHC4066AFT Datasheet HTML 6Page - Toshiba Semiconductor 74VHC4066AFT Datasheet HTML 7Page - Toshiba Semiconductor 74VHC4066AFT Datasheet HTML 8Page - Toshiba Semiconductor 74VHC4066AFT Datasheet HTML 9Page - Toshiba Semiconductor 74VHC4066AFT Datasheet HTML 10Page - Toshiba Semiconductor Next Button 

74VHC4066AFT Product details

Functional Description
• Quad Bilateral Switch

General
The 74VHC4066AFT is high-speed, low-voltage drive QUAD BILATERAL SWITCH fabricated with silicon gate
C2MOS technology.
In 3 V and 5 V systems these can achieve high-speed operation with the low power dissipation that is a feature
of CMOS.
It consists of four independent high speed switches capable of controlling either digital or analog signals while
maintaining the CMOS low power dissipation.
The switches for each channel are turned ON by the control pin digital signals.
Control pin is equipped with a newly developed input protection circuit that avoids the need for a diode on the
plus side (forward side from the input to the VCC). As a result, for example, 5.5 V signals can be permitted on the
inputs even when the power supply voltage to the circuits is off. As a result of this input power protection, the
74VHC4066AFT can be used in a variety of applications, including in the system which has two power supplies,
and in battery backup circuits.

Features
(1) AEC-Q100 (Rev. H) (Note 1)
(2) Wide operating temperature range: Topr = -40 to 125 
(3) Low ON resistance: RON = 45 Ω (typ.) at VCC = 3.0 V
: RON = 24 Ω (typ.) at VCC = 4.5 V
(4) Low power dissipation: ICC = 2.0 μA (max) at Ta = 25 
(5) Input level: VIL = 0.8 V (max) at VCC = 3.0 V
: VIH = 2.0 V (min) at VCC = 3.0 V
(6) Power-down protection is provided on all control inputs.




Similar Part No. - 74VHC4066AFT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74VHC4066 MOTOROLA-74VHC4066 Datasheet
215Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
74VHC4066 FAIRCHILD-74VHC4066 Datasheet
106Kb / 9P
   Quad Analog Switch
74VHC4066 FAIRCHILD-74VHC4066 Datasheet
122Kb / 9P
   Quad Analog Switch
74VHC4066M FAIRCHILD-74VHC4066M Datasheet
106Kb / 9P
   Quad Analog Switch
74VHC4066M FAIRCHILD-74VHC4066M Datasheet
122Kb / 9P
   Quad Analog Switch
More results


Similar Description - 74VHC4066AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
TC7MPB9326FT TOSHIBA-TC7MPB9326FT_V01 Datasheet
353Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-06-22 Rev.5.0
TC7PZ04FU TOSHIBA-TC7PZ04FU Datasheet
163Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-05 Rev.3.0
TC7WZ86FU TOSHIBA-TC7WZ86FU Datasheet
154Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-02-04 Rev.4.0
74VHC4020FT TOSHIBA-74VHC4020FT Datasheet
194Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
74VHC574FT TOSHIBA-74VHC574FT Datasheet
178Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
74HC151D TOSHIBA-74HC151D Datasheet
216Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
74HC595D TOSHIBA-74HC595D Datasheet
271Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-12-27 Rev.4.0
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com