Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

744869161104 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

744869161104 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 744869161104
Download  744869161104 Download
File Size   1001.59 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-FCLP Common Mode Power Line Choke

744869161104 Datasheet (PDF)

Go To PDF Page Download Datasheet
744869161104 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744869161104
Download  744869161104 Click to download

File Size   1001.59 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-FCLP Common Mode Power Line Choke

744869161104 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


744869161104 Product details

General Information:
Ambient Temperature (referring
to IR) -40 up to +70 °C
Operating Temperature -40 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1




Similar Part No. - 744869161104

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744869161103 WURTH-744869161103 Datasheet
1,000Kb / 8P
WE-FCLP Common Mode Power Line Choke
001.000
More results


Similar Description - 744869161104

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744844221 WURTH-744844221 Datasheet
909Kb / 5P
WE-ExB Common Mode Power Line Choke
744831020133 WURTH-744831020133 Datasheet
452Kb / 5P
WE-CMBHV Common Mode Power Line Choke
744862100 WURTH-744862100 Datasheet
376Kb / 5P
WE-TFC Common Mode Power Line Choke
744869161273 WURTH-744869161273 Datasheet
881Kb / 8P
WE-FCLP Common Mode Power Line Choke
001.000
744869161153 WURTH-744869161153 Datasheet
881Kb / 8P
WE-FCLP Common Mode Power Line Choke
001.000
744869161393 WURTH-744869161393 Datasheet
881Kb / 8P
WE-FCLP Common Mode Power Line Choke
001.000
744869161683 WURTH-744869161683 Datasheet
882Kb / 8P
WE-FCLP Common Mode Power Line Choke
001.000
744869161063 WURTH-744869161063 Datasheet
1,000Kb / 8P
WE-FCLP Common Mode Power Line Choke
001.000
744869161103 WURTH-744869161103 Datasheet
1,000Kb / 8P
WE-FCLP Common Mode Power Line Choke
001.000
744869161473 WURTH-744869161473 Datasheet
1,000Kb / 8P
WE-FCLP Common Mode Power Line Choke
001.000
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com