Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRF01-J-C-EE-047D-4D Datasheet (PDF) - Samtec, Inc

PRF01-J-C-EE-047D-4D Datasheet PDF - Samtec, Inc
Part # PRF01-J-C-EE-047D-4D
Download  PRF01-J-C-EE-047D-4D Download

File Size   286.01 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description SMA TO 18 GHz

PRF01-J-C-EE-047D-4D Datasheet (PDF)

Go To PDF Page Download Datasheet
PRF01-J-C-EE-047D-4D Datasheet PDF - Samtec, Inc

Part # PRF01-J-C-EE-047D-4D
Download  PRF01-J-C-EE-047D-4D Click to download

File Size   286.01 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description SMA TO 18 GHz

PRF01-J-C-EE-047D-4D Datasheet (HTML) - Samtec, Inc

PRF01-J-C-EE-047D-4D Datasheet HTML 1Page - Samtec, Inc



Similar Part No. - PRF01-J-C-EE-047D-4D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRF03BB541NB7RL MURATA1-PRF03BB541NB7RL Datasheet
361Kb / 3P
   PTC for Temperature Sensor
12/06/2022
PRF03BB541NB7RL MURATA1-PRF03BB541NB7RL Datasheet
403Kb / 2P
   Temperature Sensors
01/31/2024
PRF03BB541NB7RL MURATA1-PRF03BB541NB7RL_V01 Datasheet
403Kb / 2P
   Temperature Sensors
01/31/2024
More results


Similar Description - PRF01-J-C-EE-047D-4D

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9695 PASTERNACK-PE9695 Datasheet
368Kb / 4P
   Precision SMA Female to SMA Female Adapter, 18 Ghz
logo
Mini-Circuits
SF-SM50 MINI-SF-SM50 Datasheet
47Kb / 1P
   Adapters, SMA-F to SMA-M 50W, DC to 18 GHz
SM-SM50 MINI-SM-SM50 Datasheet
49Kb / 1P
   Adapter, SMA-M to SMA-M 50W DC to 18 GHz
SF-SF50 MINI-SF-SF50 Datasheet
49Kb / 1P
   Adapter, SMA-F to SMA-F 50W DC to 18 GHz
logo
Pasternack Enterprises,...
PE9014 PASTERNACK-PE9014 Datasheet
260Kb / 3P
   Precision SMA Male to SMA Female Bulkhead Adapter 18 Ghz
PE80T1001 PASTERNACK-PE80T1001 Datasheet
341Kb / 6P
   Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1000 PASTERNACK-PE80T1000 Datasheet
452Kb / 7P
   Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE9694 PASTERNACK-PE9694 Datasheet
369Kb / 4P
   Precision SMA Male to SMA Female Adapter Max. Freq. 18 GHz
PE8654 PASTERNACK-PE8654 Datasheet
357Kb / 3P
   50 Ohm SMA Mixer Operating From 6 GHz to 18 GHz
PE9844 PASTERNACK-PE9844 Datasheet
279Kb / 2P
   WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com