Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT04D Datasheet (PDF) - Toshiba Semiconductor

74HCT04D Datasheet PDF - Toshiba Semiconductor
Part # 74HCT04D
Download  74HCT04D Download

File Size   183.55 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HCT04D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT04D Datasheet PDF - Toshiba Semiconductor

Part # 74HCT04D
Download  74HCT04D Click to download

File Size   183.55 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HCT04D Datasheet (HTML) - Toshiba Semiconductor

74HCT04D Datasheet HTML 1Page - Toshiba Semiconductor 74HCT04D Datasheet HTML 2Page - Toshiba Semiconductor 74HCT04D Datasheet HTML 3Page - Toshiba Semiconductor 74HCT04D Datasheet HTML 4Page - Toshiba Semiconductor 74HCT04D Datasheet HTML 5Page - Toshiba Semiconductor 74HCT04D Datasheet HTML 6Page - Toshiba Semiconductor 74HCT04D Datasheet HTML 7Page - Toshiba Semiconductor

74HCT04D Product details

Functional Description
• Hex Inverter

General
The 74HCT04D is a high speed CMOS INVERTER fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power
dissipation.
This device may be used as a level converter for interfacing TTL or NMOS to High Speed CMOS. The inputs are
compatible with TTL, NMOS and CMOS output voltage levels.
The internal circuit is composed of 3 stages including buffer output, which provide high noise immunity and
stable output.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.

Features
1) Wide operating temperature range: Topr = -40 to 125 (Note 1)
2) High speed: tpd = 8 ns (typ.) at VCC = 5 V
3) Low power dissipation: ICC = 1.0 μA (max) at Ta = 25
4) Compatible with TTL outputs: VIH = 2.0 V (min)
: VIL = 0.8 V (max)
5) Wide interfacing ability: LSTTL, NMOS, CMOS
6) Balanced propagation delays: tPLH » tPHL




Similar Part No. - 74HCT04D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT04D PHILIPS-74HCT04D Datasheet
109Kb / 20P
   Hex inverter
2003 Jul 23
74HCT04D PHILIPS-74HCT04D Datasheet
132Kb / 17P
   Hex inverter
Rev. 4-3 August 2012
74HCT04D PHILIPS-74HCT04D Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
SHENZHEN FUMAN ELECTRON...
74HCT04D FUMAN-74HCT04D Datasheet
622Kb / 18P
   Complies with JEDEC standard no. 8 1A
logo
Nexperia B.V. All right...
74HCT04D NEXPERIA-74HCT04D Datasheet
263Kb / 15P
   Hex inverter
Rev. 9 - 9 February 2023
More results


Similar Description - 74HCT04D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
TC7MPB9326FT TOSHIBA-TC7MPB9326FT_V01 Datasheet
353Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-06-22 Rev.5.0
TC7PZ04FU TOSHIBA-TC7PZ04FU Datasheet
163Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-05 Rev.3.0
TC7WZ86FU TOSHIBA-TC7WZ86FU Datasheet
154Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-02-04 Rev.4.0
74VHC4020FT TOSHIBA-74VHC4020FT Datasheet
194Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
74VHC574FT TOSHIBA-74VHC574FT Datasheet
178Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
74HC151D TOSHIBA-74HC151D Datasheet
216Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
74HC595D TOSHIBA-74HC595D Datasheet
271Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-12-27 Rev.4.0
74VHC4066AFT TOSHIBA-74VHC4066AFT Datasheet
214Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.3.0
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com