Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT3151A05-2 Datasheet (PDF) - List of Unclassifed Manufacturers

MT3151A05-2 Datasheet PDF - List of Unclassifed Manufacturers
Part # MT3151A05-2
Download  MT3151A05-2 Download

File Size   1447.39 Kbytes
Page   28 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description LCD Module

MT3151A05-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT3151A05-2 Datasheet PDF - List of Unclassifed Manufacturers

Part # MT3151A05-2
Download  MT3151A05-2 Click to download

File Size   1447.39 Kbytes
Page   28 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description LCD Module

MT3151A05-2 Datasheet (HTML) - List of Unclassifed Manufacturers


MT3151A05-2 Product details

1. General Description
1.1 Product Features
- HD Resolution (1366 x 768)
- Brightness: 300 cd/m²
- Very High Contrast Ratio: 3000:1
- Fast Response Time
- Color Saturation: 62% NTSC
- Ultra Wide Viewing Angle: 178° (H)/178° (V) (CR  10)
- Low Power Consumption: Typ. 30 W
- DE (Data Enable) Mode
- LVDS (Low Voltage Differential Signaling) Interface
- RoHS Compliance




Similar Part No. - MT3151A05-2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT3152-Y MARKTECH-MT3152-Y Datasheet
31Kb / 1P
   Marktech Rectangular 2x5mm LEDs
MT315B-UGTR MARKTECH-MT315B-UGTR Datasheet
469Kb / 1P
   ULTRA BRIGHT LEDs
More results


Similar Description - MT3151A05-2

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT5711LH-T HYES-HT5711LH-T Datasheet
777Kb / 22P
   LCD MODULE
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
   LCD Module
logo
List of Unclassifed Man...
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
   LCD MODULE
logo
OPTREX CORPORATION
DMC40457 OPTREX-DMC40457 Datasheet
166Kb / 15P
   LCD Module
logo
AZ Displays
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
   LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
   LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
   LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
   LCD MODULE
TM164ABA ETC-TM164ABA Datasheet
353Kb / 23P
   LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
   LCD Module
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
   LCD MODULE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com