Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFTVXO085762 Datasheet (PDF) - IQD Frequency Products Ltd

LFTVXO085762 Datasheet PDF - IQD Frequency Products Ltd
Part # LFTVXO085762
Download  LFTVXO085762 Download

File Size   262.7 Kbytes
Page   2 Pages
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd
Description VCTCXO Specification

LFTVXO085762 Datasheet (PDF)

Go To PDF Page Download Datasheet
LFTVXO085762 Datasheet PDF - IQD Frequency Products Ltd

Part # LFTVXO085762
Download  LFTVXO085762 Click to download

File Size   262.7 Kbytes
Page   2 Pages
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd
Description VCTCXO Specification

LFTVXO085762 Datasheet (HTML) - IQD Frequency Products Ltd


LFTVXO085762 Product details

Frequency Parameters
Frequency 19.20MHz
Frequency Tolerance ±1.00ppm
Frequency Stability ±0.28ppm
Operating Temperature Range -40.00 to 105.00°C
Ageing ±0.01ppm max per day, ±1ppm
max/year
Frequency Tolerance (measurement referenced to frequency
observed with TA=25°C, Vs=3.3V, VC=1.65V within 30 days
after ex-works)
Frequency Stability: TA varied across the operating
temperature range, measurement referenced to frequency
observed with TA=25°C, Vs=3.3V, VC=1.65V, load=15pF and
temperature variable speed less than 2°C per minute.
Ageing: TA=25°C, Vs= 3.3V, VC=1.65V and after 1hr of
operation.
Supply Voltage Variation (measurement referenced to
frequency observed with TA=25°C, Vs varied from 3.13V to
3.47V, VC=1.65V and load=15pF): ±0.05ppm max
Load Variation (5% load change measurement referenced to
frequency observed with TA=25°C, Vs=3.3V, VC=1.65V and
load=15pF): ±0.05ppm max




Similar Part No. - LFTVXO085762

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
LFTVXO085763 IQD-LFTVXO085763 Datasheet
265Kb / 2P
   VCTCXO Specification
V1.0020
LFTVXO085763REEL IQD-LFTVXO085763REEL Datasheet
265Kb / 2P
   VCTCXO Specification
V1.0020
LFTVXO085765 IQD-LFTVXO085765 Datasheet
265Kb / 2P
   VCTCXO Specification
V1.0020
LFTVXO085765REEL IQD-LFTVXO085765REEL Datasheet
265Kb / 2P
   VCTCXO Specification
V1.0020
LFTVXO085766 IQD-LFTVXO085766 Datasheet
224Kb / 2P
   VCTCXO Specification
V1.0020
More results


Similar Description - LFTVXO085762

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPT-123 IQD-CFPT-123 Datasheet
791Kb / 2P
   VCTCXO Specification
IQXT-192 IQD-IQXT-192 Datasheet
128Kb / 2P
   VCTCXO Specification
LFTVXO085766 IQD-LFTVXO085766 Datasheet
224Kb / 2P
   VCTCXO Specification
V1.0020
IQXT-200 IQD-IQXT-200 Datasheet
340Kb / 3P
   VCTCXO Specification
IQXT-313 IQD-IQXT-313 Datasheet
198Kb / 3P
   VCTCXO Specification
IQXT-190 IQD-IQXT-190 Datasheet
129Kb / 2P
   VCTCXO Specification
CFPT-125 IQD-CFPT-125 Datasheet
723Kb / 2P
   VCTCXO Specification
LFTVXO085759 IQD-LFTVXO085759 Datasheet
269Kb / 2P
   VCTCXO Specification
V1.0020
IQXT-210 IQD-IQXT-210 Datasheet
294Kb / 3P
   VCTCXO Specification
CFPT-126 IQD-CFPT-126 Datasheet
204Kb / 2P
   VCTCXO Specification
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com