Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN100 Datasheet (PDF) - List of Unclassifed Manufacturers

IN100 Datasheet PDF - List of Unclassifed Manufacturers
Part # IN100
Download  IN100 Download

File Size   1905.91 Kbytes
Page   49 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Ultra-Low Power Bluetooth Beacon SoC

IN100 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN100 Datasheet PDF - List of Unclassifed Manufacturers

Part # IN100
Download  IN100 Click to download

File Size   1905.91 Kbytes
Page   49 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Ultra-Low Power Bluetooth Beacon SoC

IN100 Datasheet (HTML) - List of Unclassifed Manufacturers


IN100 Product details

Features
• Bluetooth Low Energy 5.3 Compliant
- Enhanced privacy mode support
• Beacon Modes
- Proprietary
- Bluetooth SIG compliant
- iBeacon/Eddystone/Altbeacon compliant*
• Ease of Use
- Config and use
- No software programming required
• Memory
- 4Kb eFuse memory
- Advertising payload storage
- Manufacturer ID
- 4KB SRAM
- Dynamic payload storage
• Low Power Mode Advertising
- Continuous advertising
- Event-triggered advertising
• RF Radio
- 2.4GHz frequency band RF transmitter
- MedRadio band support
- Programmable TX output power, up to +5dBm
• System Power Consumption
- Sub-uW power consumption for multi-year operation on a tiny battery
- Sleep mode < 650nA with 32kHz RC ON
• Peripheral
- 1 UART
- 1 I2C
- Pulse Count Interface for digital sensor input
- Built-in ultra-low-leakage load switch x 2
- Sensor ADC, 11bit
- Chip temperature measurement
- VCC voltage measurement
- 4 channels for customer use
• Clock Sources
- 26MHz XO crystal
- 32.768kHz RTC crystal (optional)
• Security and Privacy
- AES-128 based authentication
- AES-128 based encryption
- Privacy protection: resolvable private address
- Anti-Cloning: time-varying payload in the beacon
• Power Supply
- Integrated low leakage LDO
- 1.1 - 3.6V input
- Single cell 1.5V battery support
• Operating temperature
- -40°C ~ +85°C (industrial, see ordering info)
- -40°C ~ +125°C (full range industrial, see ordering info)
• Packaging
- DFN8 2.5mm x 2.5mm
- QFN18 3.0mm x 3.0mm
• Typical Applications
- Standalone retail beacon
- Wireless sensor
- Asset tracking
- Beacon tag for RTLS (Real Time Location System)
- Active RFID
- Low power alarm system
- Wireless ID tag for healthcare
- Wireless industrial application
- Fitness and wellness




Similar Part No. - IN100

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
IN1 TGS-IN1 Datasheet
671Kb / 7P
   SEVEN DARLINGTON ARRAYS
logo
Microsemi Corporation
IN1183 MICROSEMI-IN1183 Datasheet
132Kb / 2P
   Silicon Power Rectifier
logo
XP Power Limited
IN1205D XPPOWER-IN1205D Datasheet
53Kb / 1P
   DC-DC Power Supplies
logo
ice Components, Ins.
IN12097 ICE-IN12097 Datasheet
39Kb / 2P
   This is RoHS compliant and halogen free product
logo
XP Power Limited
IN1209D XPPOWER-IN1209D Datasheet
53Kb / 1P
   DC-DC Power Supplies
More results


Similar Description - IN100

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
   Bluetooth Multimedia SoC
0.5 2016/07/01
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
   Bluetooth Audio SoC
0.5 11/Apr/2018
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com