Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVC2525CB-0400JN-99 Datasheet (PDF) - Vishay Barry

AVC2525CB-0400JN-99 Datasheet PDF - Vishay Barry
Part # AVC2525CB-0400JN-99
Download  AVC2525CB-0400JN-99 Download
File Size   107.02 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description BeO

AVC2525CB-0400JN-99 Datasheet (PDF)

Go To PDF Page Download Datasheet
AVC2525CB-0400JN-99 Datasheet PDF - Vishay Barry

Part # AVC2525CB-0400JN-99
Download  AVC2525CB-0400JN-99 Click to download

File Size   107.02 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description BeO

AVC2525CB-0400JN-99 Datasheet (HTML) - Vishay Barry


AVC2525CB-0400JN-99 Product details

Features:
¨ BeO material
¨ DC to 3 GHz
¨ 40 Watt Power Rating
¨ Input and Output
pads offset from center

General Description:
The AVC2525CB-0400JN-99 is a BeO 4 dB
single slope attenuator with a frequency range up to
3 GHz. It has a power rating of 40 Watts while
maintaining a heat sink temperature of 100°C and is
solder mountable. This chip offers an input and output
pad offset from center line of chip to allow for assembly
on off center devices.




Similar Part No. - AVC2525CB-0400JN-99

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AVC2525CB-0100JN-99 BARRY-AVC2525CB-0100JN-99 Datasheet
107Kb / 1P
BeO
09/17/04
AVC2525CB-0200JN-99 BARRY-AVC2525CB-0200JN-99 Datasheet
112Kb / 1P
BeO
9/17/04
AVC2525CB-0300JN-99 BARRY-AVC2525CB-0300JN-99 Datasheet
107Kb / 1P
BeO
09/17/04
AVC2525CB-0500JN-99 BARRY-AVC2525CB-0500JN-99 Datasheet
113Kb / 1P
BeO
09/17/04
AVC2525CB-0600JN-99 BARRY-AVC2525CB-0600JN-99 Datasheet
116Kb / 1P
BeO
09/17/04
More results


Similar Description - AVC2525CB-0400JN-99

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
T50R0-350-1X BARRY-T50R0-350-1X Datasheet
128Kb / 1P
BeO
28 Aug 2013
TV0805CB-XXXXJN-98 BARRY-TV0805CB-XXXXJN-98 Datasheet
150Kb / 1P
BeO
Rev.B 06/30/08
TV1005HA-50R0JN-96 BARRY-TV1005HA-50R0JN-96 Datasheet
65Kb / 1P
BeO
7/10/03
TVC2010CB-XXXXJN-99-01 BARRY-TVC2010CB-XXXXJN-99-01 Datasheet
97Kb / 1P
BeO
Rev.D 02/24/09
TZC2525CB-50R0JN-9F BARRY-TZC2525CB-50R0JN-9F Datasheet
43Kb / 1P
BeO
Rev.B 12/07/11
TV1206CB-50R0GN-96-04 BARRY-TV1206CB-50R0GN-96-04 Datasheet
46Kb / 1P
BEO
10/17/11
TVC3737CT-50R0JN-99 BARRY-TVC3737CT-50R0JN-99 Datasheet
179Kb / 1P
BeO
04/02/08
K05Z-XXXXG99-06C36-X BARRY-K05Z-XXXXG99-06C36-X Datasheet
120Kb / 1P
BeO
10/22/08
REC1206CT-XXXXJN-83 BARRY-REC1206CT-XXXXJN-83 Datasheet
156Kb / 1P
BeO or BeO FREE
Rev.A 04/13/04
R1000-150-4X BARRY-R1000-150-4X Datasheet
560Kb / 1P
BeO
03/26/07
A0400-20-3X BARRY-A0400-20-3X Datasheet
133Kb / 1P
BeO
Rev.A 03/04/10
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com