Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A0100-20-3X Datasheet (PDF) - Vishay Barry

A0100-20-3X Datasheet PDF - Vishay Barry
Part # A0100-20-3X
Download  A0100-20-3X Download

File Size   134.57 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description BeO

A0100-20-3X Datasheet (PDF)

Go To PDF Page Download Datasheet
A0100-20-3X Datasheet PDF - Vishay Barry

Part # A0100-20-3X
Download  A0100-20-3X Click to download

File Size   134.57 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description BeO

A0100-20-3X Datasheet (HTML) - Vishay Barry

A0100-20-3X Datasheet HTML 1Page - Vishay Barry

A0100-20-3X Product details

Features:
♦ BeO Material
♦ DC - 2.5 GHz Performance
♦ 20 Watt Input Power
♦ Flange Mount

General Description:
The A0100-20-3X is a flanged 1 dB
BeO attenuator. It has an input power of
20 watts, while maintaining a constant flange
temperature of 100°C. It offers a frequency
range from DC- 2.5 GHz.




Similar Part No. - A0100-20-3X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
A0100-100-3E BARRY-A0100-100-3E Datasheet
79Kb / 1P
   BeO
Rev.A 02/21/12
A0100-100-9X BARRY-A0100-100-9X Datasheet
87Kb / 1P
   BeO 1 dB FLANGED ATTENUATOR
Rev. A
logo
List of Unclassifed Man...
A0100-101-3-000 ETC2-A0100-101-3-000 Datasheet
137Kb / 3P
   40mm Servo Motor, 100W
A0100-102-3-000 ETC2-A0100-102-3-000 Datasheet
159Kb / 3P
   40mm Servo Motor, 100W
A0100-104-3-000 ETC2-A0100-104-3-000 Datasheet
137Kb / 3P
   40mm Servo Motor, 100W
More results


Similar Description - A0100-20-3X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
REC1206CT-XXXXJN-83 BARRY-REC1206CT-XXXXJN-83 Datasheet
156Kb / 1P
   BeO or BeO FREE
Rev.A 04/13/04
TV1206CB-50R0GN-96-04 BARRY-TV1206CB-50R0GN-96-04 Datasheet
46Kb / 1P
   BEO
10/17/11
TVC3737CT-50R0JN-99 BARRY-TVC3737CT-50R0JN-99 Datasheet
179Kb / 1P
   BeO
04/02/08
K05Z-XXXXG99-06C36-X BARRY-K05Z-XXXXG99-06C36-X Datasheet
120Kb / 1P
   BeO
10/22/08
A0400-20-3X BARRY-A0400-20-3X Datasheet
133Kb / 1P
   BeO
Rev.A 03/04/10
TV1005HA-50R0JN-96 BARRY-TV1005HA-50R0JN-96 Datasheet
65Kb / 1P
   BeO
7/10/03
TV0805CB-XXXXJN-98 BARRY-TV0805CB-XXXXJN-98 Datasheet
150Kb / 1P
   BeO
Rev.B 06/30/08
T50R0-350-1X BARRY-T50R0-350-1X Datasheet
128Kb / 1P
   BeO
28 Aug 2013
TVC2010CB-XXXXJN-99-01 BARRY-TVC2010CB-XXXXJN-99-01 Datasheet
97Kb / 1P
   BeO
Rev.D 02/24/09
TZC2525CB-50R0JN-9F BARRY-TZC2525CB-50R0JN-9F Datasheet
43Kb / 1P
   BeO
Rev.B 12/07/11
R1000-150-4X BARRY-R1000-150-4X Datasheet
560Kb / 1P
   BeO
03/26/07
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com