Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1000-150-4X Datasheet (PDF) - Vishay Barry

R1000-150-4X Datasheet PDF - Vishay Barry
Part # R1000-150-4X
Download  R1000-150-4X Download

File Size   560.93 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description BeO

R1000-150-4X Datasheet (PDF)

Go To PDF Page Download Datasheet
R1000-150-4X Datasheet PDF - Vishay Barry

Part # R1000-150-4X
Download  R1000-150-4X Click to download

File Size   560.93 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description BeO

R1000-150-4X Datasheet (HTML) - Vishay Barry

R1000-150-4X Datasheet HTML 1Page - Vishay Barry

R1000-150-4X Product details

Features:
♦ BeO material
♦ 150 Watt input power
♦ Flange mounted

General Description:
The R1000-150-4X is a 100 Ohm
leaded resistor mounted onto a flange. It
offers an input power of 150 Watts max
while maintaining a flange temperature of
100°C.




Similar Part No. - R1000-150-4X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
R1000-150-4E BARRY-R1000-150-4E Datasheet
168Kb / 2P
   150W BeO Flanged Resistor
REV.B SEPT 11 2014
More results


Similar Description - R1000-150-4X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
REC1206CT-XXXXJN-83 BARRY-REC1206CT-XXXXJN-83 Datasheet
156Kb / 1P
   BeO or BeO FREE
Rev.A 04/13/04
TV1206CB-50R0GN-96-04 BARRY-TV1206CB-50R0GN-96-04 Datasheet
46Kb / 1P
   BEO
10/17/11
TVC3737CT-50R0JN-99 BARRY-TVC3737CT-50R0JN-99 Datasheet
179Kb / 1P
   BeO
04/02/08
K05Z-XXXXG99-06C36-X BARRY-K05Z-XXXXG99-06C36-X Datasheet
120Kb / 1P
   BeO
10/22/08
A0400-20-3X BARRY-A0400-20-3X Datasheet
133Kb / 1P
   BeO
Rev.A 03/04/10
TV1005HA-50R0JN-96 BARRY-TV1005HA-50R0JN-96 Datasheet
65Kb / 1P
   BeO
7/10/03
TV0805CB-XXXXJN-98 BARRY-TV0805CB-XXXXJN-98 Datasheet
150Kb / 1P
   BeO
Rev.B 06/30/08
T50R0-350-1X BARRY-T50R0-350-1X Datasheet
128Kb / 1P
   BeO
28 Aug 2013
TVC2010CB-XXXXJN-99-01 BARRY-TVC2010CB-XXXXJN-99-01 Datasheet
97Kb / 1P
   BeO
Rev.D 02/24/09
TZC2525CB-50R0JN-9F BARRY-TZC2525CB-50R0JN-9F Datasheet
43Kb / 1P
   BeO
Rev.B 12/07/11
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com