Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC1206CT-XXXXJN-83 Datasheet (PDF) - Vishay Barry

REC1206CT-XXXXJN-83 Datasheet PDF - Vishay Barry
Part # REC1206CT-XXXXJN-83
Download  REC1206CT-XXXXJN-83 Download

File Size   156.34 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description BeO or BeO FREE

REC1206CT-XXXXJN-83 Datasheet (PDF)

Go To PDF Page Download Datasheet
REC1206CT-XXXXJN-83 Datasheet PDF - Vishay Barry

Part # REC1206CT-XXXXJN-83
Download  REC1206CT-XXXXJN-83 Click to download

File Size   156.34 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description BeO or BeO FREE

REC1206CT-XXXXJN-83 Datasheet (HTML) - Vishay Barry

REC1206CT-XXXXJN-83 Datasheet HTML 1Page - Vishay Barry

REC1206CT-XXXXJN-83 Product details

Features:
♦ BeO or BeO FREE
♦ Surface Mount
♦ .5 Ohms to 1Mohm

General Description:
The REC1206CT-XXXXJN-AA* is a
50 Ohm standard (.5 - 1Megohm available) surface
mountable high power chip resistor ideal for small
assemblies. It is available in BeO and BeO FREE
materials. Power rating based on a 100°C maximum
heat sink temperature.




Similar Part No. - REC1206CT-XXXXJN-83

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
REC1206CT-XXXXJN-2S BARRY-REC1206CT-XXXXJN-2S Datasheet
72Kb / 1P
   ALUMINUM NITRIDE
Rev.B 01/09/14
More results


Similar Description - REC1206CT-XXXXJN-83

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RY0805CT-XXXXJN-98 BARRY-RY0805CT-XXXXJN-98 Datasheet
168Kb / 1P
   BeO or BeO FREE
Rev.B 04/08/04
RE0805CT-XXXXJN-AA BARRY-RE0805CT-XXXXJN-AA Datasheet
185Kb / 1P
   BeO, BeO FREE, or Alumina
Rev.B 03/25/08
RZ0805CT-XXXXWN-AA BARRY-RZ0805CT-XXXXWN-AA Datasheet
183Kb / 1P
   BeO, Aluminum Nitride or BeO Free
Rev.B 9/25/07
AVC2525CT-0300JN-83-01 BARRY-AVC2525CT-0300JN-83-01 Datasheet
550Kb / 1P
   BeO FREE
Rev.A 06/08/07
TZC2525CT-XXXXJN-83-01 BARRY-TZC2525CT-XXXXJN-83-01 Datasheet
123Kb / 1P
   BeO FREE
Rev.A 03/09/09
RK1206ZZ-XXXXWN-YY BARRY-RK1206ZZ-XXXXWN-YY Datasheet
99Kb / 1P
   Alumina, BeO Free, BeO and AlN
02/11/10
RK0502ZZ-XXXXWN-YY BARRY-RK0502ZZ-XXXXWN-YY Datasheet
170Kb / 1P
   BeO or Alumina
11/02/07
RP0502ZZ-XXXXWN-YY BARRY-RP0502ZZ-XXXXWN-YY Datasheet
41Kb / 1P
   BeO or Alumina
11/05/12
RP0504ZZ-XXXXWN-YY BARRY-RP0504ZZ-XXXXWN-YY Datasheet
41Kb / 1P
   BeO or Alumina
Rev.A 11/23/11
RK0402ZZ-XXXXWN-YY BARRY-RK0402ZZ-XXXXWN-YY Datasheet
99Kb / 1P
   BeO or Alumina
Rev.A 11/03/09
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com