Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA1000-100-9X Datasheet (PDF) - Vishay Barry

RA1000-100-9X Datasheet PDF - Vishay Barry
Part # RA1000-100-9X
Download  RA1000-100-9X Download
File Size   164.59 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 100W AlN Flanged Resistor

RA1000-100-9X Datasheet (PDF)

Go To PDF Page Download Datasheet
RA1000-100-9X Datasheet PDF - Vishay Barry

Part # RA1000-100-9X
Download  RA1000-100-9X Click to download

File Size   164.59 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 100W AlN Flanged Resistor

RA1000-100-9X Datasheet (HTML) - Vishay Barry


RA1000-100-9X Product details

RAXXXX-100-9X Features:
• Flange Mount
• RoHS Compliant
• Customer Defined Testing Available
• High Rated Power
• Covered Resistor Element
• ±5% Resistor Tolerance

RAXXXX-100-9X Parameters:
Rated Power: 100W*
Resistance Range: 10Ω to 1KΩ ±5%
Max. Rated Voltage: 650VDC
Capacitance (Typical): 1.58pF at 1MHz
Resistor Construction: Thick Film on AlN
Flange Construction: Silver Plated Copper
Lead Construction: Silver Plated Copper
Operating Temperature: -55 to +150°C




Similar Part No. - RA1000-100-9X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RA1000-100-4X BARRY-RA1000-100-4X Datasheet
136Kb / 1P
Aluminum Nitride
12/04/08
RA1000-100-8X BARRY-RA1000-100-8X Datasheet
599Kb / 1P
Aluminum Nitride
Rev.A
More results


Similar Description - RA1000-100-9X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TA50R0-100-25X BARRY-TA50R0-100-25X Datasheet
156Kb / 2P
100W AlN Flanged Termination
REV.E OCT 22 2014
TA50R0-100-26X BARRY-TA50R0-100-26X Datasheet
153Kb / 2P
100W AlN Flanged Termination
REV.B OCT 22 2014
TA50R0-100-27X BARRY-TA50R0-100-27X Datasheet
155Kb / 2P
100W AlN Flanged Termination
REV.A OCT 22 2014
RAXXXX-10-1X BARRY-RAXXXX-10-1X Datasheet
156Kb / 2P
10W AlN Flanged Resistor
REV.H AUG 27 2014
RAXXXX-20-8X BARRY-RAXXXX-20-8X Datasheet
135Kb / 2P
20W AlN Flanged Resistor
REV.G APR 7 2015
RAXXXX-150-8X BARRY-RAXXXX-150-8X Datasheet
164Kb / 2P
150W AlN Flanged Resistor
REV.C AUG 28 2014
RAXXXX-250-1X BARRY-RAXXXX-250-1X Datasheet
162Kb / 2P
250W AlN Flanged Resistor
REV.G AUG 28 2014
RAXXXX-30-3X BARRY-RAXXXX-30-3X Datasheet
160Kb / 2P
30W AlN Flanged Resistor
REV.F AUG 27 2014
RAXXXX-40-1X BARRY-RAXXXX-40-1X Datasheet
165Kb / 2P
40W AlN Flanged Resistor
REV.G AUG 28 2014
RAXXXX-50-11X BARRY-RAXXXX-50-11X Datasheet
163Kb / 2P
50W AlN Flanged Resistor
REV.E AUG 28 2014
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com