Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOP266 Datasheet (PDF) - Power Integrations, Inc.

TOP266 Datasheet PDF - Power Integrations, Inc.
Part # TOP266
Download  TOP266 Download

File Size   2464.69 Kbytes
Page   40 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Integrated Off-Line Switcher with EcoSmart™ Technology for Highly Efficient Power Supplies

TOP266 Datasheet (PDF)

Go To PDF Page Download Datasheet
TOP266 Datasheet PDF - Power Integrations, Inc.

Part # TOP266
Download  TOP266 Click to download

File Size   2464.69 Kbytes
Page   40 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Integrated Off-Line Switcher with EcoSmart™ Technology for Highly Efficient Power Supplies

TOP266 Datasheet (HTML) - Power Integrations, Inc.

Back Button TOP266 Datasheet HTML 1Page - Power Integrations, Inc. TOP266 Datasheet HTML 2Page - Power Integrations, Inc. TOP266 Datasheet HTML 3Page - Power Integrations, Inc. TOP266 Datasheet HTML 4Page - Power Integrations, Inc. TOP266 Datasheet HTML 5Page - Power Integrations, Inc. TOP266 Datasheet HTML 6Page - Power Integrations, Inc. TOP266 Datasheet HTML 7Page - Power Integrations, Inc. TOP266 Datasheet HTML 8Page - Power Integrations, Inc. TOP266 Datasheet HTML 9Page - Power Integrations, Inc. TOP266 Datasheet HTML 10Page - Power Integrations, Inc. Next Button 

TOP266 Product details

EcoSmart – Energy Efficient
• Ideal for applications from 10 W to 245 W
• Energy efficient over entire load range
• No-load consumption below 100 mW at 265 VAC
• Up to 750 mW standby output power for 1 W input at 230 VAC
High Design Flexibility for Low System Cost
• Multi-mode PWM control maximizes efficiency at all loads
• 132 kHz operation reduces transformer and power supply size
• 66 kHz option for highest efficiency requirements
• Accurate programmable current limit
• Optimized line feed-forward for line ripple rejection
• Frequency jittering reduces EMI filter cost
• Fully integrated soft-start for minimum start-up stress
• 725 V rated MOSFET
• Simplifies meeting design derating requirements
Extensive Protection Features
• Auto-restart limits power delivery to <3% during overload faults
• Output short-circuit protection (SCP)
• Output over-current protection (OCP)
• Output overload protection (OPP)
• Output overvoltage protection (OVP)
• User programmable for hysteretic/latching shutdown
• Simple fast AC reset
• Primary or secondary sensed
• Line undervoltage (UV) detection prevents turn-off glitches
• Line overvoltage (OV) shutdown extends line surge withstand
• Accurate thermal shutdown with large hysteresis (OTP)
Advanced Package Options
• eDIP™-12 package:
• 43 W / 117 W universal input power output capability with
PCB / metal heat sink
• Low profile horizontal orientation for ultra-slim designs
• Heat transfer to both PCB and heat sink
• Optional external heat sink provides thermal impedance
equivalent to a TO-220
• eSIP™-7C package:
• 177 W universal input output power capability
• Vertical orientation for minimum PCB footprint
• Simple heat sink mounting using clip provides thermal
impedance equivalent to a TO-220
• eSOP™-12 package:
• 66 W universal input output power capability
• Low profile surface mounted for ultra-slim designs
• Heat transfer to PCB via exposed pad and SOURCE pins
• Supports wave or reflow soldering
• Extended creepage to DRAIN pin
• Heat sink is connected to SOURCE for low EMI




Similar Part No. - TOP266

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP266EG POWERINT-TOP266EG Datasheet
3Mb / 36P
   Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP266EG POWERINT-TOP266EG Datasheet
3Mb / 40P
   Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP266EG POWERINT-TOP266EG Datasheet
2Mb / 40P
   Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP266EG-TL POWERINT-TOP266EG-TL Datasheet
3Mb / 36P
   Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP266EG/VG POWERINT-TOP266EG/VG Datasheet
3Mb / 36P
   Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
More results


Similar Description - TOP266

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP264 POWERINT-TOP264_11 Datasheet
3Mb / 40P
   Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP270KG-TL POWERINT-TOP270KG-TL Datasheet
2Mb / 40P
   Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP264-271 POWERINT-TOP264-271 Datasheet
3Mb / 36P
   Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP234G-TL POWERINT-TOP234G-TL Datasheet
644Kb / 36P
   Design Flexible, EcoSmart® , Integrated Off-line Switcher
July 2001
TOP232 POWERINT-TOP232 Datasheet
3Mb / 38P
   Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
TOP232PN POWERINT-TOP232PN Datasheet
644Kb / 36P
   Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP234PN POWERINT-TOP234PN Datasheet
644Kb / 36P
   Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP242 POWERINT-TOP242_V01 Datasheet
3Mb / 54P
   Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
TOP242 POWERINT-TOP242 Datasheet
2Mb / 52P
   Extended Power, Design Flexible EcoSmart, Integrated Off-line Switcher
LNK3202P POWERINT-LNK3202P Datasheet
2Mb / 28P
   Highly Energy Efficient Off-line Switcher IC with Integrated System Level Protection for Low Component-Count Power Supplies
June 2022
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com