![]() |
Electronic Components Datasheet Search |
|
CMBT918 Datasheet (PDF) - Continental Device India Limited |
CMBT918 Datasheet (HTML) - Continental Device India Limited |
CMBT918 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | CMBT918 |
Download | CMBT918 Click to view |
File Size | 132.42 Kbytes |
Page | 3 Pages |
Maker | CDIL [Continental Device India Limited] |
Homepage | http://www.cdilsemi.com |
Logo | |
Description | VHF/UHF TRANSISTOR |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
2N3053 | MEDIUM POWER SILICON NPN PLANAR TRANSISTOR | 1 2 | Seme LAB |
STP7NA40 | N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR | 1 2 3 4 5 More | STMicroelectronics |
PBSS3540F | 40 V low VCEsat PNP transistor | 1 2 3 4 5 More | NXP Semiconductors |
2SC2933 | NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR | 1 2 3 | Mitsubishi Electric Semiconductor |
2N4240 | NPN TRANSISTOR MEDIUM POWER HIGH VOLTAGE | 1 2 | Seme LAB |
DDTCXXXXE | NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR | 1 2 3 | Diodes Incorporated |
2SC3379 | NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR | 1 2 3 | Mitsubishi Electric Semiconductor |
2N7085 | N-CHANNEL ENHANCEMENT MODE TRANSISTOR | 1 2 | Seme LAB |
2SD1071 | TRIPLE DIFFUSED PLANER TYPE ULTRA HIGH TRANSISTOR HIGH VOLTAGE POWER AMPLIFIER | 1 2 3 | Fuji Electric |
Datasheet Page |
1 2 3 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |