Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV1005CT-50R0JN-91 Datasheet (PDF) - Vishay Barry

TV1005CT-50R0JN-91 Datasheet PDF - Vishay Barry
Part # TV1005CT-50R0JN-91
Download  TV1005CT-50R0JN-91 Download
File Size   150.8 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description DC - 6GHz 5W Al2O3 Chip Termination

TV1005CT-50R0JN-91 Datasheet (PDF)

Go To PDF Page Download Datasheet
TV1005CT-50R0JN-91 Datasheet PDF - Vishay Barry

Part # TV1005CT-50R0JN-91
Download  TV1005CT-50R0JN-91 Click to download

File Size   150.8 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description DC - 6GHz 5W Al2O3 Chip Termination

TV1005CT-50R0JN-91 Datasheet (HTML) - Vishay Barry


TV1005CT-50R0JN-91 Product details

TV1005ZZ-50R0WN-91 Features:
• Solder, Epoxy or Wirebondable Terminals
• RoHS Compliant or SnPb Terminals Available
• Customer Defined Testing Available
• High Rated Power
• Tape & Reel and Waffle Pack Available
(Standard is Bulk)

TV1005ZZ-50R0WN-91 Parameters:
Operating Frequency: DC - 6GHz
Rated Power: 5W*
Return Loss (Typical)**: 16dB or Better
Impedance: 50Ω***
Resistor Construction: Thick Film on Al2O3
Operating Temperature: -55 to +150°C




Similar Part No. - TV1005CT-50R0JN-91

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TV1005CT-50R0JN-2Q-01 BARRY-TV1005CT-50R0JN-2Q-01 Datasheet
157Kb / 1P
ALUMINUM NITRIDE
Rev.A 02/06/04
More results


Similar Description - TV1005CT-50R0JN-91

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Wall Industries,Inc.
RA4805UW5 WALL-RA4805UW5 Datasheet
388Kb / 10P
5W DC-DC Converter
logo
Vishay Barry
TV0404ZZ-50R0JN-91 BARRY-TV0404ZZ-50R0JN-91 Datasheet
1Mb / 2P
DC - 60GHz 250mW Al2O3 Chip Termination
Rev. JUNE 2 2022
T50R0-100-18X BARRY-T50R0-100-18X Datasheet
155Kb / 2P
100W DC-6GHz BeO Flanged Termination
REV.C FEB 14 2017
TV0402ZZ-XXXXWN-AA BARRY-TV0402ZZ-XXXXWN-AA Datasheet
148Kb / 2P
DC - 26GHz Chip Termination
REV.D APR 4 2018
TV0505CB-50R0JN-95-01 BARRY-TV0505CB-50R0JN-95-01 Datasheet
232Kb / 1P
DC-10GHz 5W BeO Chip Termination
RZ0805ZZ-XXXXJN-98 BARRY-RZ0805ZZ-XXXXJN-98 Datasheet
179Kb / 2P
5W DC-4GHz BeO Chip Resistor
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com