Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV1206CB-50R0GN-96-04 Datasheet (PDF) - Vishay Barry

TV1206CB-50R0GN-96-04 Datasheet PDF - Vishay Barry
Part # TV1206CB-50R0GN-96-04
Download  TV1206CB-50R0GN-96-04 Download

File Size   46.96 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description BEO

TV1206CB-50R0GN-96-04 Datasheet (PDF)

Go To PDF Page Download Datasheet
TV1206CB-50R0GN-96-04 Datasheet PDF - Vishay Barry

Part # TV1206CB-50R0GN-96-04
Download  TV1206CB-50R0GN-96-04 Click to download

File Size   46.96 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description BEO

TV1206CB-50R0GN-96-04 Datasheet (HTML) - Vishay Barry

TV1206CB-50R0GN-96-04 Datasheet HTML 1Page - Vishay Barry

TV1206CB-50R0GN-96-04 Product details

Features:
♦ BeO Material
♦ DC - 18 GHz Performance
♦ 40 Watt Input Power
♦ CB - Tin Lead over Nickel over Silver

General Description:
The TV1206CB-50R0GN-96-04 is a 50 ohm BeO chip termination. It has an input power rating of
40 watts, while maintaining a constant mounting surface temperature of 100oC. It offers an excellent frequency range from DC to 18 GHz.




Similar Part No. - TV1206CB-50R0GN-96-04

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
TV12 EDI-TV12 Datasheet
41Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
TV12 NJSEMI-TV12 Datasheet
48Kb / 2P
   High Voltage Silicon Rectifier
logo
Eaton All Rights Reserv...
TV1245-3R0346-R EATON-TV1245-3R0346-R Datasheet
494Kb / 5P
   Cylindrical cells
More results


Similar Description - TV1206CB-50R0GN-96-04

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
REC1206CT-XXXXJN-83 BARRY-REC1206CT-XXXXJN-83 Datasheet
156Kb / 1P
   BeO or BeO FREE
Rev.A 04/13/04
TVC3737CT-50R0JN-99 BARRY-TVC3737CT-50R0JN-99 Datasheet
179Kb / 1P
   BeO
04/02/08
K05Z-XXXXG99-06C36-X BARRY-K05Z-XXXXG99-06C36-X Datasheet
120Kb / 1P
   BeO
10/22/08
A0400-20-3X BARRY-A0400-20-3X Datasheet
133Kb / 1P
   BeO
Rev.A 03/04/10
TV1005HA-50R0JN-96 BARRY-TV1005HA-50R0JN-96 Datasheet
65Kb / 1P
   BeO
7/10/03
TV0805CB-XXXXJN-98 BARRY-TV0805CB-XXXXJN-98 Datasheet
150Kb / 1P
   BeO
Rev.B 06/30/08
T50R0-350-1X BARRY-T50R0-350-1X Datasheet
128Kb / 1P
   BeO
28 Aug 2013
TVC2010CB-XXXXJN-99-01 BARRY-TVC2010CB-XXXXJN-99-01 Datasheet
97Kb / 1P
   BeO
Rev.D 02/24/09
TZC2525CB-50R0JN-9F BARRY-TZC2525CB-50R0JN-9F Datasheet
43Kb / 1P
   BeO
Rev.B 12/07/11
R1000-150-4X BARRY-R1000-150-4X Datasheet
560Kb / 1P
   BeO
03/26/07
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com